Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30ETH06SPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 30ETH06SPBF
Description  Hyperfast Rectifier, 30 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30ETH06SPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  30ETH06SPBF Datasheet HTML 1Page - Vishay Siliconix 30ETH06SPBF Datasheet HTML 2Page - Vishay Siliconix 30ETH06SPBF Datasheet HTML 3Page - Vishay Siliconix 30ETH06SPBF Datasheet HTML 4Page - Vishay Siliconix 30ETH06SPBF Datasheet HTML 5Page - Vishay Siliconix 30ETH06SPBF Datasheet HTML 6Page - Vishay Siliconix 30ETH06SPBF Datasheet HTML 7Page - Vishay Siliconix 30ETH06SPBF Datasheet HTML 8Page - Vishay Siliconix 30ETH06SPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 94020
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 11-Mar-10
1
Hyperfast Rectifier, 30 A FRED Pt®
VS-30ETH06SPbF, VS-30ETH06-1PbF
Vishay High Power Products
FEATURES
• Hyperfast recovery time
• Low forward voltage drop
• Low leakage current
• 125 °C operating junction temperature
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Halogen-free according to IEC 61249-2-21 definition
• Compliant to RoHS directive 2002/95/EC
• AEC-Q101 qualified
DESCRIPTION/APPLICATIONS
State of the art hyperfast recovery rectifiers designed with
optimized performance of forward voltage drop, hyperfast
recovery time and soft recovery.
The planar structure and the platinum doped life time
control guarantee the best overall performance, ruggedness
and reliability characteristics.
These devices are intended for use in PFC boost stage in the
ac-to-dc section of SMPS, inverters or as freewheeling
diodes.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
PRODUCT SUMMARY
trr (typical)
28 ns
IF(AV)
30 A
VR
600 V
VS-30ETH06SPbF
D2PAK
VS-30ETH06-1PbF
TO-262
Anode
1
3
Base
cathode
2
N/C
Anode
1
3
2
N/C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Peak repetitive reverse voltage
VRRM
600
V
Average rectified forward current
IF(AV)
TC = 103 °C
30
A
Non-repetitive peak surge current
IFSM
TJ = 25 °C
200
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
600
-
-
V
Forward voltage
VF
IF = 30 A
-
2.0
2.6
IF = 30 A, TJ = 150 °C
-
1.34
1.75
Reverse leakage current
IR
VR = VR rated
-
0.3
50
μA
TJ = 150 °C, VR = VR rated
-
60
500
Junction capacitance
CT
VR = 600 V
-
33
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8.0
-
nH


Similar Part No. - 30ETH06SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06SPBF IRF-30ETH06SPBF Datasheet
288Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
30ETH06SPBF VISHAY-30ETH06SPBF Datasheet
124Kb / 7P
   Hyperfast Rectifier, 30 A FRED PtTM
Revision: 26-May-08
More results

Similar Description - 30ETH06SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-EPH3006-F3 VISHAY-VS-EPH3006-F3 Datasheet
234Kb / 11P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 05-Apr-12
ETH3006S-M3 VISHAY-ETH3006S-M3 Datasheet
194Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 21-Apr-11
APH3006-F3 VISHAY-APH3006-F3 Datasheet
230Kb / 10P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 24-May-11
30EPH06PBF VISHAY-30EPH06PBF_11 Datasheet
152Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 04-Apr-11
30ETH06PBF VISHAY-30ETH06PBF_11 Datasheet
152Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 28-Apr-11
ETH3006-M3 VISHAY-ETH3006-M3 Datasheet
197Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 18-Apr-11
30ETH06FP-F3 VISHAY-30ETH06FP-F3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 16-Nov-11
VS-ETH3006-M3 VISHAY-VS-ETH3006-M3 Datasheet
199Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 18-Apr-11
VS-30ETH06STRLPBF VISHAY-VS-30ETH06STRLPBF Datasheet
175Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 11-Mar-10
VS-30CTH02SHM3 VISHAY-VS-30CTH02SHM3_V01 Datasheet
159Kb / 7P
   Hyperfast Rectifier, 30 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com