Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30CTQ080-1TRRPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 30CTQ080-1TRRPBF
Description  Schottky Rectifier, 2 x 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CTQ080-1TRRPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  30CTQ080-1TRRPBF Datasheet HTML 1Page - Vishay Siliconix 30CTQ080-1TRRPBF Datasheet HTML 2Page - Vishay Siliconix 30CTQ080-1TRRPBF Datasheet HTML 3Page - Vishay Siliconix 30CTQ080-1TRRPBF Datasheet HTML 4Page - Vishay Siliconix 30CTQ080-1TRRPBF Datasheet HTML 5Page - Vishay Siliconix 30CTQ080-1TRRPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 30CTQ080-1TRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CTQ080-1TRRPBF VISHAY-30CTQ080-1TRRPBF Datasheet
131Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
More results

Similar Description - 30CTQ080-1TRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTQ060PBF VISHAY-VS-30CTQ060PBF Datasheet
166Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 11-Oct-11
VS-30CTQ100SPBF VISHAY-VS-30CTQ100SPBF Datasheet
124Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 15-Mar-10
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
25CTQ VISHAY-25CTQ Datasheet
119Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
25CTQPBF VISHAY-25CTQPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
30CPQ150 VISHAY-30CPQ150 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
30CTQS VISHAY-30CTQS Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 06-Oct-08
MBRB3030CTL VISHAY-MBRB3030CTL Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
MBR2535CTPBF VISHAY-MBR2535CTPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
32CTQ030 VISHAY-32CTQ030 Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
STPS30L30CTPBF VISHAY-STPS30L30CTPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 14-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com