Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30ETH06PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 30ETH06PBF
Description  Hyperfast Rectifier, 30 A FRED Pt
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30ETH06PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  30ETH06PBF_11 Datasheet HTML 1Page - Vishay Siliconix 30ETH06PBF_11 Datasheet HTML 2Page - Vishay Siliconix 30ETH06PBF_11 Datasheet HTML 3Page - Vishay Siliconix 30ETH06PBF_11 Datasheet HTML 4Page - Vishay Siliconix 30ETH06PBF_11 Datasheet HTML 5Page - Vishay Siliconix 30ETH06PBF_11 Datasheet HTML 6Page - Vishay Siliconix 30ETH06PBF_11 Datasheet HTML 7Page - Vishay Siliconix 30ETH06PBF_11 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 94019
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 28-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Hyperfast Rectifier, 30 A FRED Pt®
VS-30ETH06PbF
Vishay Semiconductors
FEATURES
• Reduced Qrr and soft recovery
• 175 °C TJ maximum
• For PFC CRM/CCM operation
• Low forward voltage drop
• Low leakage current
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified for industrial level
DESCRIPTION/APPLICATIONS
State of the art hyperfast recovery rectifiers designed with
optimized performance of forward voltage drop, hyperfast
recovery time and soft recovery.
The planar structure and the platinum doped life time
control guarantee the best overall performance, ruggedness
and reliability characteristics.
These devices are intended for use in PFC boost stage in the
AC/DC section of SMPS, inverters or as freewheeling
diodes.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
PRODUCT SUMMARY
Package
TO-220AC
IF(AV)
30 A
VR
600 V
VF at IF
2.60 V
trr (typ.)
See Recovery table
TJ max.
175 °C
Diode variation
Single die
Anode
1
3
2
Cathode
Base
cathode
TO-220AC
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Peak repetitive reverse voltage
VRRM
600
V
Average rectified forward current
IF(AV)
TC = 103 °C
30
A
Non-repetitive peak surge current
IFSM
TJ = 25 °C
200
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
600
-
-
V
Forward voltage
VF
IF = 30 A
-
2.0
2.6
IF = 30 A, TJ = 150 °C
-
1.34
1.75
Reverse leakage current
IR
VR = VR rated
-
0.3
50
μA
TJ = 150 °C, VR = VR rated
-
60
500
Junction capacitance
CT
VR = 600 V
-
33
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8.0
-
nH


Similar Part No. - 30ETH06PBF_11

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06PBF IRF-30ETH06PBF Datasheet
191Kb / 7P
   Hyperfast Rectifier
logo
Vishay Siliconix
30ETH06PBF VISHAY-30ETH06PBF Datasheet
108Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 07-Apr-08
More results

Similar Description - 30ETH06PBF_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-EPH3006-F3 VISHAY-VS-EPH3006-F3 Datasheet
234Kb / 11P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 05-Apr-12
ETH3006S-M3 VISHAY-ETH3006S-M3 Datasheet
194Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 21-Apr-11
APH3006-F3 VISHAY-APH3006-F3 Datasheet
230Kb / 10P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 24-May-11
30EPH06PBF VISHAY-30EPH06PBF_11 Datasheet
152Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 04-Apr-11
30ETH06SPBF VISHAY-30ETH06SPBF_10 Datasheet
176Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 11-Mar-10
ETH3006-M3 VISHAY-ETH3006-M3 Datasheet
197Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 18-Apr-11
30ETH06FP-F3 VISHAY-30ETH06FP-F3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 16-Nov-11
VS-ETH3006-M3 VISHAY-VS-ETH3006-M3 Datasheet
199Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 18-Apr-11
VS-30ETH06STRLPBF VISHAY-VS-30ETH06STRLPBF Datasheet
175Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 11-Mar-10
VS-30CTH02SHM3 VISHAY-VS-30CTH02SHM3_V01 Datasheet
159Kb / 7P
   Hyperfast Rectifier, 30 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com