Part Name
         Description
30CTQ060-1PBF

 Schottky Rectifier, 2 x 15 A ( 6 Page)


VISHAY
100% 
Zoom Out Zoom In
   
 5 page
background image
Document Number: 94190
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 15-Mar-10
5
VS-30CTQ...SPbF, VS-30CTQ...-1PbF Series
Schottky Rectifier,
2 x 15 A
Vishay High Power Products
ORDERING INFORMATION TABLE
050 = 50 V
060 = 60 V
2
-
Current rating (30 A)
3
-
Circuit configuration: C = Common cathode
4
-
T = TO-220
5
-
Schottky “Q” series
6
-
Voltage ratings
7
-
S = D2PAK
-1 = TO-262
8
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented - for D2PAK only)
TRR = Tape and reel (right oriented - for D2PAK only)
-
PbF = Lead (Pb)-free
9
1
-
HPP product suffix
Device code
5
1
3
24
67
8
9
VS-
30
C
T
Q
060
S
TRL PbF
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95014
Part marking information
www.vishay.com/doc?95008
Packaging information
www.vishay.com/doc?95032



Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl