Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30EPF10PBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 30EPF10PBF
Description  Fast Soft Recovery Rectifier Diode, 30 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30EPF10PBF Datasheet(HTML) 7 Page - Vishay Siliconix

  30EPF10PBF Datasheet HTML 1Page - Vishay Siliconix 30EPF10PBF Datasheet HTML 2Page - Vishay Siliconix 30EPF10PBF Datasheet HTML 3Page - Vishay Siliconix 30EPF10PBF Datasheet HTML 4Page - Vishay Siliconix 30EPF10PBF Datasheet HTML 5Page - Vishay Siliconix 30EPF10PBF Datasheet HTML 6Page - Vishay Siliconix 30EPF10PBF Datasheet HTML 7Page - Vishay Siliconix 30EPF10PBF Datasheet HTML 8Page - Vishay Siliconix 30EPF10PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 16-Jun-11
1
Document Number: 95223
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing per ASME Y14.5M-1994
(2) Contour of slot optional
(3) Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outermost extremes of the plastic body
(4) Thermal pad contour optional with dimensions D1 and E1
(5) Lead finish uncontrolled in L1
(6) Ø P to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154")
(7) Outline conforms to JEDEC outline TO-247 with exception of dimension c
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.65
5.31
0.183
0.209
D2
0.51
1.30
0.020
0.051
A1
2.21
2.59
0.087
0.102
E
15.29
15.87
0.602
0.625
3
A2
1.50
2.49
0.059
0.098
E1
13.72
-
0.540
-
b
0.99
1.40
0.039
0.055
e
5.46 BSC
0.215 BSC
b1
0.99
1.35
0.039
0.053
FK
2.54
0.010
b2
1.65
2.39
0.065
0.094
L
14.20
16.10
0.559
0.634
b3
1.65
2.37
0.065
0.094
L1
3.71
4.29
0.146
0.169
b4
2.59
3.43
0.102
0.135
N
7.62 BSC
0.3
b5
2.59
3.38
0.102
0.133
P
3.56
3.66
0.14
0.144
c
0.38
0.86
0.015
0.034
P1
-
6.98
-
0.275
c1
0.38
0.76
0.015
0.030
Q
5.31
5.69
0.209
0.224
D
19.71
20.70
0.776
0.815
3
R
4.52
5.49
1.78
0.216
D1
13.08
-
0.515
-
4
S
5.51 BSC
0.217 BSC
0.10
A
C
M
M
E
N
(2)
(3)
(4)
(4)
(2) R/2
B
2 x R
S
D
See view B
2 x e
b4
3 x b
2 x b2
L
C
(5) L1
1
2
3
Q
D
A
A2
A
A
A1
C
Ø K
B
D
M
M
A
(6) Ø P
(Datum B)
FP1
D1 (4)
4
E1
0.01
B
D
M
M
View A - A
Thermal pad
D2
DD E
E
C
C
View B
(b1, b3, b5)
Base metal
c1
(b, b2, b4)
Section C - C, D - D, E - E
(c)
Planting
Lead assignments
Diodes
1. - Anode/open
2. - Cathode
3. - Anode


Similar Part No. - 30EPF10PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30EPF10PbF VISHAY-30EPF10PbF Datasheet
293Kb / 9P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 09-Dec-09
30EPF10PBF VISHAY-30EPF10PBF_13 Datasheet
200Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 20-Oct-11
More results

Similar Description - 30EPF10PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30PF0-M3 VISHAY-VS-30PF0-M3 Datasheet
258Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
01-Jan-2022
30EPFPBF VISHAY-30EPFPBF Datasheet
293Kb / 9P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 09-Dec-09
VS-30.PF0.PBF VISHAY-VS-30.PF0.PBF Datasheet
310Kb / 9P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 11-Feb-16
30EPF10PBF VISHAY-30EPF10PBF_13 Datasheet
200Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 20-Oct-11
VS-30PF1-M3 VISHAY-VS-30PF1-M3 Datasheet
263Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
01-Jan-2022
30EPF02PBF VISHAY-30EPF02PBF Datasheet
262Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 09-Dec-09
30EPF VISHAY-30EPF Datasheet
241Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 12-Jun-08
VS-30.PF1.PBF VISHAY-VS-30.PF1.PBF Datasheet
272Kb / 9P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 11-Feb-16
30EPF02PBF VISHAY-30EPF02PBF_13 Datasheet
241Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 20-Oct-11
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com