Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30EPF02PBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 30EPF02PBF
Description  Fast Soft Recovery Rectifier Diode, 30 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30EPF02PBF Datasheet(HTML) 6 Page - Vishay Siliconix

  30EPF02PBF Datasheet HTML 1Page - Vishay Siliconix 30EPF02PBF Datasheet HTML 2Page - Vishay Siliconix 30EPF02PBF Datasheet HTML 3Page - Vishay Siliconix 30EPF02PBF Datasheet HTML 4Page - Vishay Siliconix 30EPF02PBF Datasheet HTML 5Page - Vishay Siliconix 30EPF02PBF Datasheet HTML 6Page - Vishay Siliconix 30EPF02PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94100
6
Revision: 09-Dec-09
30EPF..PbF, 30CPF..PbF Soft Recovery Series
Vishay High Power Products
Fast Soft Recovery
Rectifier Diode, 30 A
ORDERING INFORMATION TABLE
1
-
Current rating (30 = 30 A)
2
-
Circuit configuration:
E = Single diode
C = Single diode, 3 pins
3
-
Package:
P = TO-247AC (modified)
4
-
Type of silicon:
F = Fast recovery
5
-
Voltage code x 100 = VRRM
6
-
None = Standard production
PbF = Lead (Pb)-free
02 = 200 V
04 = 400 V
06 = 600 V
Device code
5
13
24
6
30
E
P
F
06
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
TO-247AC modified
www.vishay.com/doc?95253
TO-247AC
www.vishay.com/doc?95223
Part marking information
TO-247AC modified
www.vishay.com/doc?95255
TO-247AC
www.vishay.com/doc?95226


Similar Part No. - 30EPF02PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30EPF02PBF VISHAY-30EPF02PBF_13 Datasheet
241Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 20-Oct-11
More results

Similar Description - 30EPF02PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30EPF10PBF VISHAY-30EPF10PBF Datasheet
293Kb / 9P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 09-Dec-09
VS-30PF0-M3 VISHAY-VS-30PF0-M3 Datasheet
258Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
01-Jan-2022
30EPFPBF VISHAY-30EPFPBF Datasheet
293Kb / 9P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 09-Dec-09
VS-30.PF0.PBF VISHAY-VS-30.PF0.PBF Datasheet
310Kb / 9P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 11-Feb-16
30EPF10PBF VISHAY-30EPF10PBF_13 Datasheet
200Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 20-Oct-11
VS-30PF1-M3 VISHAY-VS-30PF1-M3 Datasheet
263Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
01-Jan-2022
30EPF VISHAY-30EPF Datasheet
241Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 12-Jun-08
VS-30.PF1.PBF VISHAY-VS-30.PF1.PBF Datasheet
272Kb / 9P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 11-Feb-16
30EPF02PBF VISHAY-30EPF02PBF_13 Datasheet
241Kb / 7P
   Fast Soft Recovery Rectifier Diode, 30 A
Revision: 20-Oct-11
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com