Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30CTH02SPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 30CTH02SPBF
Description  Hyperfast Rectifier, 2 x 15 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CTH02SPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  30CTH02SPBF Datasheet HTML 1Page - Vishay Siliconix 30CTH02SPBF Datasheet HTML 2Page - Vishay Siliconix 30CTH02SPBF Datasheet HTML 3Page - Vishay Siliconix 30CTH02SPBF Datasheet HTML 4Page - Vishay Siliconix 30CTH02SPBF Datasheet HTML 5Page - Vishay Siliconix 30CTH02SPBF Datasheet HTML 6Page - Vishay Siliconix 30CTH02SPBF Datasheet HTML 7Page - Vishay Siliconix 30CTH02SPBF Datasheet HTML 8Page - Vishay Siliconix 30CTH02SPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94015
2
Revision: 11-Mar-10
VS-30CTH02SPbF, VS-30CTH02-1PbF
Vishay High Power Products
Hyperfast Rectifier,
2 x 15 A FRED Pt®
DYNAMIC RECOVERY CHARACTERISTICS (TC = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1 A, dIF/dt = 50 A/μs, VR = 30 V
-
-
35
ns
IF = 1 A, dIF/dt = 100 A/μs, VR = 30 V
-
-
30
TJ = 25 °C
IF = 15 A
dIF/dt = 200 A/μs
VR = 160 V
-26-
TJ = 125 °C
-
40
-
Peak recovery current
IRRM
TJ = 25 °C
-
2.8
-
A
TJ = 125 °C
-
6.0
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
37
-
nC
TJ = 125 °C
-
120
-
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
Maximum junction and storage temperature range
TJ, TStg
- 65
-
175
°C
Thermal resistance, junction to case per diode
RthJC
--
1.1
°C/W
Weight
-2.0
-
g
-0.07-
oz.
Mounting torque
6.0
(5.0)
-
12
(10)
kgf · cm
(lbf · in)
Marking device
Case style D2PAK
30CTH02S
Case style TO-262
30CTH02-1


Similar Part No. - 30CTH02SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CTH02SPBF IRF-30CTH02SPBF Datasheet
287Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
30CTH02SPBF VISHAY-30CTH02SPBF Datasheet
538Kb / 7P
   Hyperfast Rectifier,2 x 15 A FRED PtTM
Revision: 21-Jul-08
More results

Similar Description - 30CTH02SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CTH03PBF VISHAY-30CTH03PBF_11 Datasheet
150Kb / 8P
   Hyperfast Rectifier, 2 x 15 A FRED Pt
Revision: 28-Apr-11
VS-30CTH02SPBF VISHAY-VS-30CTH02SPBF Datasheet
175Kb / 9P
   Hyperfast Rectifier, 2 x 15 A FRED Pt®
Revision: 11-Mar-10
VS-CPH3006L-M3 VISHAY-VS-CPH3006L-M3 Datasheet
1Mb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED Pt®
Revision: 10-Jul-15
VS-30CTH03PBF VISHAY-VS-30CTH03PBF Datasheet
158Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED Pt®
revision: 09-Jul-15
VS-30CTH03-M3 VISHAY-VS-30CTH03-M3_V01 Datasheet
165Kb / 6P
   Hyperfast Rectifier, 2 x 15 A FRED Pt®
01-Jan-2022
VS-30CTH02PBF VISHAY-VS-30CTH02PBF Datasheet
206Kb / 9P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
Revision: 02-Jan-12
VS-30CTH02HN3 VISHAY-VS-30CTH02HN3_V01 Datasheet
145Kb / 7P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
01-Jan-2022
30CTH02PBF VISHAY-30CTH02PBF_12 Datasheet
201Kb / 9P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
Revision: 02-Jan-12
VS-30CTH02-M3 VISHAY-VS-30CTH02-M3_V01 Datasheet
162Kb / 6P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
01-Jan-2022
VS-30CTH02FP-N3 VISHAY-VS-30CTH02FP-N3_V01 Datasheet
143Kb / 7P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com