Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30CTH02PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 30CTH02PBF
Description  Hyperfast Rectifier, 2 x 10 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CTH02PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  30CTH02PBF Datasheet HTML 1Page - Vishay Siliconix 30CTH02PBF Datasheet HTML 2Page - Vishay Siliconix 30CTH02PBF Datasheet HTML 3Page - Vishay Siliconix 30CTH02PBF Datasheet HTML 4Page - Vishay Siliconix 30CTH02PBF Datasheet HTML 5Page - Vishay Siliconix 30CTH02PBF Datasheet HTML 6Page - Vishay Siliconix 30CTH02PBF Datasheet HTML 7Page - Vishay Siliconix 30CTH02PBF Datasheet HTML 8Page - Vishay Siliconix 30CTH02PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94014
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 28-Apr-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-30CTH02PbF, VS-30CTH02FPPbF
Vishay Semiconductors Hyperfast Rectifier, 2 x 10 A FRED Pt
®
Fig. 6 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 7 - Maximum Allowable Case Temperature vs.
Average Forward Current (FULL-PAK)
Fig. 8 - Forward Power Loss Characteristics
Fig. 9 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 10 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 8); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
DC
05
25
20
15
10
180
170
150
140
IF(AV) - Average Forward Current (A)
160
See note (1)
Square wave (D = 0.50)
Rated V
R applied
DC
05
25
20
15
10
180
170
150
100
110
120
130
140
IF(AV) - Average Forward Current (A)
160
See note (1)
Square wave (D = 0.50)
Rated V
R applied
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5
0
5
10
15
20
25
IF(AV) - Average Forward Current (A)
0
5
10
15
20
25
RMS limit
DC
10
100
1000
dIF/dt (A/µs)
100
I
F = 15 A
V
R = 160 V
T
J = 125 °C
T
J = 25 °C
1000
10
100
1000
dIF/dt (A/µs)
100
I
F = 15 A
V
R = 160 V
T
J = 125 °C
T
J = 25 °C


Similar Part No. - 30CTH02PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CTH02PBF IRF-30CTH02PBF Datasheet
273Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
30CTH02PBF VISHAY-30CTH02PBF Datasheet
115Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 11-Sep-08
30CTH02PBF VISHAY-30CTH02PBF Datasheet
201Kb / 9P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
Revision: 02-Jan-12
30CTH02PBF VISHAY-30CTH02PBF_12 Datasheet
201Kb / 9P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
Revision: 02-Jan-12
More results

Similar Description - 30CTH02PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTH03SPBF VISHAY-20CTH03SPBF_10 Datasheet
177Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 11-Mar-10
20CTH03PBF VISHAY-20CTH03PBF_11 Datasheet
189Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 28-Apr-11
VS-20CTH03 VISHAY-VS-20CTH03 Datasheet
176Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 11-Mar-10
20CTH03PBF VISHAY-20CTH03PBF_12 Datasheet
194Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
Revision: 02-Jan-12
VS-20CTH03PBF VISHAY-VS-20CTH03PBF Datasheet
210Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
Revision: 13-May-16
VS-20CDH02-M3 VISHAY-VS-20CDH02-M3_V01 Datasheet
154Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
01-Jan-2022
VS-20CTH03-M3 VISHAY-VS-20CTH03-M3_V01 Datasheet
161Kb / 6P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
01-Jan-2022
VS-20CDH02HM3 VISHAY-VS-20CDH02HM3_V01 Datasheet
157Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
01-Jan-2022
VS-20CTH03SHM3 VISHAY-VS-20CTH03SHM3 Datasheet
209Kb / 8P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
Revision: 09-Jun-16
VS-20CTH03SHM3 VISHAY-VS-20CTH03SHM3_V01 Datasheet
224Kb / 8P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com