Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30CTH02PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 30CTH02PBF
Description  Hyperfast Rectifier, 2 x 10 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CTH02PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  30CTH02PBF Datasheet HTML 1Page - Vishay Siliconix 30CTH02PBF Datasheet HTML 2Page - Vishay Siliconix 30CTH02PBF Datasheet HTML 3Page - Vishay Siliconix 30CTH02PBF Datasheet HTML 4Page - Vishay Siliconix 30CTH02PBF Datasheet HTML 5Page - Vishay Siliconix 30CTH02PBF Datasheet HTML 6Page - Vishay Siliconix 30CTH02PBF Datasheet HTML 7Page - Vishay Siliconix 30CTH02PBF Datasheet HTML 8Page - Vishay Siliconix 30CTH02PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VS-30CTH02PbF, VS-30CTH02FPPbF
Hyperfast Rectifier, 2 x 10 A FRED Pt® Vishay Semiconductors
Document Number: 94014
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 28-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Fig. 5 - Maximum Thermal Impedance ZthJC Characteristics (FULL-PAK)
100
1000
0
50
100
150
200
10
VR - Reverse Voltage (V)
T
J = 25 °C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
t1 - Rectangular Pulse Duration (s)
Single pulse
(thermal resistance)
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
110
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
t1 - Rectangular Pulse Duration (s)
Single pulse
(thermal resistance)
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
110
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01


Similar Part No. - 30CTH02PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CTH02PBF IRF-30CTH02PBF Datasheet
273Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
30CTH02PBF VISHAY-30CTH02PBF Datasheet
115Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 11-Sep-08
30CTH02PBF VISHAY-30CTH02PBF Datasheet
201Kb / 9P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
Revision: 02-Jan-12
30CTH02PBF VISHAY-30CTH02PBF_12 Datasheet
201Kb / 9P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
Revision: 02-Jan-12
More results

Similar Description - 30CTH02PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTH03SPBF VISHAY-20CTH03SPBF_10 Datasheet
177Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 11-Mar-10
20CTH03PBF VISHAY-20CTH03PBF_11 Datasheet
189Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 28-Apr-11
VS-20CTH03 VISHAY-VS-20CTH03 Datasheet
176Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 11-Mar-10
20CTH03PBF VISHAY-20CTH03PBF_12 Datasheet
194Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
Revision: 02-Jan-12
VS-20CTH03PBF VISHAY-VS-20CTH03PBF Datasheet
210Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
Revision: 13-May-16
VS-20CDH02-M3 VISHAY-VS-20CDH02-M3_V01 Datasheet
154Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
01-Jan-2022
VS-20CTH03-M3 VISHAY-VS-20CTH03-M3_V01 Datasheet
161Kb / 6P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
01-Jan-2022
VS-20CDH02HM3 VISHAY-VS-20CDH02HM3_V01 Datasheet
157Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
01-Jan-2022
VS-20CTH03SHM3 VISHAY-VS-20CTH03SHM3 Datasheet
209Kb / 8P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
Revision: 09-Jun-16
VS-20CTH03SHM3 VISHAY-VS-20CTH03SHM3_V01 Datasheet
224Kb / 8P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com