Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30BQ060PBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 30BQ060PBF
Description  Schottky Rectifier, 3.0 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30BQ060PBF Datasheet(HTML) 5 Page - Vishay Siliconix

  30BQ060PBF Datasheet HTML 1Page - Vishay Siliconix 30BQ060PBF Datasheet HTML 2Page - Vishay Siliconix 30BQ060PBF Datasheet HTML 3Page - Vishay Siliconix 30BQ060PBF Datasheet HTML 4Page - Vishay Siliconix 30BQ060PBF Datasheet HTML 5Page - Vishay Siliconix 30BQ060PBF Datasheet HTML 6Page - Vishay Siliconix 30BQ060PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94180
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 04-Mar-10
5
VS-30BQ060PbF
Schottky Rectifier, 3.0 A Vishay High Power Products
ORDERING INFORMATION TABLE
2
-
Current rating
3
-
B = Single lead diode
4
-
Q = Schottky “Q” series
5
-
Voltage rating (060 = 60 V)
6
-
None = Box (1000 pieces)
TR = Tape and reel (3000 pieces)
-
PbF = Lead (Pb)-free
7
Device code
5
13
24
67
VS-
30
B
Q
060
TR
PbF
1
-
HPP product suffix
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95023
Part marking information
www.vishay.com/doc?95029
Packaging information
Tape and reel
www.vishay.com/doc?95034
Bulk
www.vishay.com/doc?95397


Similar Part No. - 30BQ060PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30BQ060PBF IRF-30BQ060PBF Datasheet
120Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
30BQ060PBF VISHAY-30BQ060PBF Datasheet
102Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 17-Apr-08
More results

Similar Description - 30BQ060PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30BQ015PBF VISHAY-30BQ015PBF_11 Datasheet
118Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
MBRD320PBF VISHAY-MBRD320PBF_11 Datasheet
122Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 14-Jan-11
1N5820 VISHAY-1N5820_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 11-Oct-11
VS-30BQ060TRPBF VISHAY-VS-30BQ060TRPBF Datasheet
120Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
30BQ015PBF VISHAY-30BQ015PBF Datasheet
102Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 14-Aug-08
MBRD320 VISHAY-MBRD320 Datasheet
104Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 06-Jun-08
MBRS340TRPBF VISHAY-MBRS340TRPBF Datasheet
92Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 09-Oct-08
VS-1N5820 VISHAY-VS-1N5820 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 11-Oct-11
VS-30BQ015PBF VISHAY-VS-30BQ015PBF Datasheet
117Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
VS-30BQ040TRPBF VISHAY-VS-30BQ040TRPBF Datasheet
113Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com