Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6498 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6498
Description  isc Silicon NPN Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6498 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6498 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6498 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Power Transistors
2N6497/6498/6499
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
2N6497
250
2N6498
300
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
2N6499
IC= 25mA; IB= 0
350
V
2N6497
1.0
2N6498
1.25
VCE(sat)-1
Collector-Emitter
Saturation Voltage
2N6499
IC= 2.5A; IB= 0.5A
1.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 5A; IB= 2A
5.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 2.5A; IB= 0.5A
1.5
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 5A; IB= 2A
2.5
V
2N6497
VCE= 350V;VBE(off)= 1.5V
VCE= 175V;VBE(off)= 1.5V ;TC=100℃
1.0
10
2N6498
VCE= 400V;VBE(off)= 1.5V
VCE= 200V;VBE(off)= 1.5V ;TC=100℃
1.0
10
ICEX
Collector
Cutoff Current
2N6499
VCE= 450V;VBE(off)= 1.5V
VCE= 225V;VBE(off)= 1.5V ;TC=100℃
1.0
10
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
1.0
mA
hFE-1
DC Current Gain
IC= 2.5A ; VCE= 10V
10
75
hFE-2
DC Current Gain
IC= 5A ; VCE= 10V
3
fT
Current-Gain
—Bandwidth Product
IC= 0.25A;VCE= 10V;ftest=1.0MHz
5
MHz
Switching Times;Duty Cycle≤2%
tr
Rise Time
1.0
μs
tS
Storage Time
2.5
μs
tf
Fall Time
VCC= 125V,tp= 0.1ms
IC=2.5A;IB1= -IB2=0.5 A
1.0
μs


Similar Part No. - 2N6498

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6498 MOSPEC-2N6498 Datasheet
179Kb / 4P
   POWER TRANSISTORS(5A,80W)
logo
ON Semiconductor
2N6498 ONSEMI-2N6498 Datasheet
148Kb / 6P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 11
logo
Boca Semiconductor Corp...
2N6498 BOCA-2N6498 Datasheet
185Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6498 NJSEMI-2N6498 Datasheet
94Kb / 2P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
2N6498 CENTRAL-2N6498 Datasheet
890Kb / 4P
   SILICON NPN POWER TRANSISTORS
R1 31-July 2013
More results

Similar Description - 2N6498

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N5930 ISC-2N5930 Datasheet
142Kb / 2P
   isc Silicon NPN Power Transistors
2N5933 ISC-2N5933 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistors
2N5935 ISC-2N5935 Datasheet
142Kb / 2P
   isc Silicon NPN Power Transistors
2SD583 ISC-2SD583 Datasheet
256Kb / 2P
   isc Silicon NPN Power Transistors
BUS132 ISC-BUS132 Datasheet
195Kb / 2P
   isc Silicon NPN Power Transistors
MJD41C ISC-MJD41C Datasheet
260Kb / 3P
   isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
   isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
   isc Silicon NPN Power Transistors
2N4915 ISC-2N4915 Datasheet
40Kb / 2P
   isc Silicon NPN Power Transistors
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
   isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com