Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25ETS08STRRPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 25ETS08STRRPBF
Description  Input Rectifier Diode, 25 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

25ETS08STRRPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  25ETS08STRRPBF Datasheet HTML 1Page - Vishay Siliconix 25ETS08STRRPBF Datasheet HTML 2Page - Vishay Siliconix 25ETS08STRRPBF Datasheet HTML 3Page - Vishay Siliconix 25ETS08STRRPBF Datasheet HTML 4Page - Vishay Siliconix 25ETS08STRRPBF Datasheet HTML 5Page - Vishay Siliconix 25ETS08STRRPBF Datasheet HTML 6Page - Vishay Siliconix 25ETS08STRRPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94342
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 09-Apr-10
5
VS-25ETS..SPbF High Voltage Series
Input Rectifier Diode, 25 A
Vishay High Power Products
ORDERING INFORMATION TABLE
08 = 800 V
10 = 1000 V
12 = 1200 V
2
-
Current rating (25 = 25 A)
3
-
Circuit configuration
4
-
Package:
T = TO-220AC
S = TO-220 D2PAK (SMD-220) version
5
-
Type of silicon:
S = Standard recovery rectifier
PbF = Lead (Pb)-free
6
-
Voltage code x 100 = VRRM
7
-
8
-
None = Tube
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
9
-
E = Single diode
1
-
HPP product suffix
Device code
5
1
3
24
67
8
9
VS-
25
E
T
S
12
S
TRL PbF
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95046
Part marking information
www.vishay.com/doc?95054
Packaging information
www.vishay.com/doc?95032


Similar Part No. - 25ETS08STRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25ETS08STRR IRF-25ETS08STRR Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
More results

Similar Description - 25ETS08STRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25ETS12SLHM3 VISHAY-VS-25ETS12SLHM3_V01 Datasheet
149Kb / 7P
   High Voltage Surface Mount Input Rectifier Diode, 25 A
01-Jan-2022
VS-25ETS12S2LHM3 VISHAY-VS-25ETS12S2LHM3 Datasheet
181Kb / 7P
   High Voltage Surface-Mount Input Rectifier Diode, 25 A
Revision: 02-Mar-2021
VS-25ETS08S-M3 VISHAY-VS-25ETS08S-M3_V01 Datasheet
172Kb / 7P
   High Voltage Surface Mount Input Rectifier Diode, 25 A
01-Jan-2022
VS-25ETSSPBF VISHAY-VS-25ETSSPBF Datasheet
129Kb / 7P
   High Voltage Surface Mount Input Rectifier Diode, 25 A
08-Feb-17
10ETS08SPBF VISHAY-10ETS08SPBF Datasheet
168Kb / 7P
   Input Rectifier Diode, 10 A
Revision: 08-Apr-10
40EPS08PBF VISHAY-40EPS08PBF Datasheet
154Kb / 6P
   Input Rectifier Diode, 40 A
Revision: 06-Jun-08
80EPS08PBF VISHAY-80EPS08PBF Datasheet
170Kb / 7P
   Input Rectifier Diode, 80 A
Revision: 07-Jul-09
40EPS16PBF VISHAY-40EPS16PBF Datasheet
143Kb / 6P
   Input Rectifier Diode, 40 A
Revision: 23-Apr-08
80EPS16PBF VISHAY-80EPS16PBF Datasheet
169Kb / 6P
   Input Rectifier Diode, 80 A
Revision: 20-Apr-11
20ETS08FPPBF VISHAY-20ETS08FPPBF Datasheet
134Kb / 7P
   Input Rectifier Diode, 20 A
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com