Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20TQ045STRLPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 20TQ045STRLPBF
Description  Schottky Rectifier, 20 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20TQ045STRLPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  20TQ045STRLPBF Datasheet HTML 1Page - Vishay Siliconix 20TQ045STRLPBF Datasheet HTML 2Page - Vishay Siliconix 20TQ045STRLPBF Datasheet HTML 3Page - Vishay Siliconix 20TQ045STRLPBF Datasheet HTML 4Page - Vishay Siliconix 20TQ045STRLPBF Datasheet HTML 5Page - Vishay Siliconix 20TQ045STRLPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94168
4
Revision: 12-Mar-10
VS-20TQ035SPbF, VS-20TQ040SPbF, VS-20TQ045SPbF
Vishay High Power Products
Schottky Rectifier, 20 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Unclamped Inductive Test Circuit
115
145
135
125
155
IF(AV) - Average Forward Current (A)
520
25
30
10
0
15
20TQ
R
thJC (DC) = 1.50 °C/W
DC
0
8
6
4
2
18
16
14
12
10
IF(AV) - Average Forward Current (A)
515
30
20
10
025
D = 0.08
D = 0.17
D = 0.25
D = 0.33
D = 0.50
RMS limit
DC
100
1000
10 000
tp - Square Wave Pulse Duration (µs)
100
10 000
1000
10
At any rated load condition
and with rated V
RRM applied
following surge
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - 20TQ045STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20TQ045STRLPBF VISHAY-20TQ045STRLPBF Datasheet
120Kb / 6P
   Schottky Rectifier, 20 A
Revision: 17-Jun-08
More results

Similar Description - 20TQ045STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20TQ045PBF VISHAY-VS-20TQ045PBF Datasheet
165Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
20TQ035SPBF VISHAY-20TQ035SPBF_13 Datasheet
157Kb / 8P
   Schottky Rectifier, 20 A
Revision: 12-Mar-10
20TQ VISHAY-20TQ Datasheet
118Kb / 6P
   Schottky Rectifier, 20 A
Revision: 25-Jun-08
20L15TPBF VISHAY-20L15TPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 20 A
Revision: 14-Aug-08
20TQ035PBF VISHAY-20TQ035PBF_12 Datasheet
167Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
20L15TS VISHAY-20L15TS Datasheet
111Kb / 6P
   Schottky Rectifier, 20 A
Revision: 22-Aug-08
20TQS VISHAY-20TQS Datasheet
117Kb / 6P
   Schottky Rectifier, 20 A
Revision: 22-Aug-08
VS-20L15TPBF VISHAY-VS-20L15TPBF_15 Datasheet
148Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
20TQSPBF VISHAY-20TQSPBF Datasheet
120Kb / 6P
   Schottky Rectifier, 20 A
Revision: 17-Jun-08
STPS20L15DPBF VISHAY-STPS20L15DPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 20 A
Revision: 15-Aug-08
STPS20L15GPBF VISHAY-STPS20L15GPBF_10 Datasheet
105Kb / 6P
   Schottky Rectifier, 20 A
Revision: 16-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com