Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

960-58A0-030 Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # 960-58A0-030
Description  Actuator- Sensor-Interface (AS-Interface짰) Ultrasonic Level Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

960-58A0-030 Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  960-58A0-030 Datasheet HTML 1Page - Magnetrol International, Inc. 960-58A0-030 Datasheet HTML 2Page - Magnetrol International, Inc. 960-58A0-030 Datasheet HTML 3Page - Magnetrol International, Inc. 960-58A0-030 Datasheet HTML 4Page - Magnetrol International, Inc. 960-58A0-030 Datasheet HTML 5Page - Magnetrol International, Inc. 960-58A0-030 Datasheet HTML 6Page - Magnetrol International, Inc. 960-58A0-030 Datasheet HTML 7Page - Magnetrol International, Inc. 960-58A0-030 Datasheet HTML 8Page - Magnetrol International, Inc. 960-58A0-030 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Figure 2
Typical Mounting Orientations
5
2.2
Electrostatic Discharge (ESD) Handling
Procedure
Magnetrol’s electronic instruments are manufactured to
the highest quality standards. These instruments use
electronic components that may be damaged by static
electricity present in most work environments.
The following steps are recommended to reduce the risk of
component failure due to electrostatic discharge.
• Ship and store circuit boards in anti-static bags. If an anti-
static bag is not available, wrap the board in aluminum
foil. Do not place boards on foam packing materials.
• Use a grounding wrist strap when installing and removing
circuit boards. A grounded workstation is recommended.
• Handle circuit boards only by the edges. Do not touch
components or connector pins.
• Make sure that all electrical connections are completely
made and none are partial or floating. Ground all equip-
ment to a good, earth ground.
2.3
Mounting
The Model 960 level switch may be mounted in a variety
of positions as shown in Figures 2 through 5.
Proper orientation of the transducer gap will facilitate
maximum performance in difficult applications. When the
Model 960 is mounted horizontally, the transducer gap
must be turned vertical to allow proper drainage of liquid
out of the gap. The wrench flats on the mounting nut are
aligned with the transducer gap; therefore, proper trans-
ducer mounting can be achieved by aligning the mounting
nut flats in a vertical orientation. See Figure 4.
When installing a Model 960 switch in a nozzle or pipe,
the transducer gap must extend into the tank at least one
inch beyond the inside tank wall. Refer to Figure 5.
Screw transducer into the opening using a wrench on the
transducer mounting nut flats. If flanged, bolt unit to mat-
ing flange with proper gasket. Use thread tape or suitable
pipe compound on the threads. Do not over-tighten.
51-632 Echotel Model 960 Ultrasonic Level Switches
Pump
Protection
Fill Line
High Alarm
Low Alarm
Figure 3
Vertical Mounting
Use wrench on flats
Actuation point
Process
connection
Bottom View
Bottom View
Figure 4
Horizontal Mounting
Figure 5
Nozzle Mounting


Similar Part No. - 960-58A0-030

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
960-58A0-031 MAGNETROL-960-58A0-031 Datasheet
251Kb / 8P
   Echotel짰 Model 960 AS-Interface짰 Ultrasonic Level Switches
More results

Similar Description - 960-58A0-030

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
960-58A0-031 MAGNETROL-960-58A0-031 Datasheet
251Kb / 8P
   Echotel짰 Model 960 AS-Interface짰 Ultrasonic Level Switches
logo
Pepperl+Fuchs Inc.
VBA-4E4A-G12-XEL PF-VBA-4E4A-G12-XEL Datasheet
332Kb / 3P
   AS-Interface sensor/actuator module
VBA-4E-KE1-Z PF-VBA-4E-KE1-Z Datasheet
272Kb / 3P
   AS-Interface sensor/actuator module
VBA-4E-KE5-ZEJQ PF-VBA-4E-KE5-ZEJQ Datasheet
511Kb / 3P
   AS-Interface sensor/actuator module
VBA-4E-KE-ZEJQ PF-VBA-4E-KE-ZEJQ Datasheet
311Kb / 3P
   AS-Interface sensor/actuator module
VBA-2E-G10-ZAL-1M-2V31-G PF-VBA-2E-G10-ZAL-1M-2V31-G Datasheet
365Kb / 3P
   AS-Interface sensor/actuator module
logo
TT Electronics.
UP56 TTELEC-UP56 Datasheet
332Kb / 1P
   Ultrasonic Level Sensor
logo
Pepperl+Fuchs Inc.
VAA-4A-G12-EA2L PF-VAA-4A-G12-EA2L Datasheet
336Kb / 3P
   AS-Interface actuator module
2019-01-09
VBA-2A-G10-E2L-1M-2V1-W PF-VBA-2A-G10-E2L-1M-2V1-W Datasheet
358Kb / 3P
   AS-Interface actuator module
VBA-2E-G10-ZAJ-1M-V1-W PF-VBA-2E-G10-ZAJ-1M-V1-W Datasheet
382Kb / 3P
   AS-Interface sensor module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com