Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6437 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N6437
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6437 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N6437 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6437 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N6437 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2N6436 2N6437 2N6438
DESCRIPTION
・With TO-3 package
・High DC current gain
・Fast switching times
・Low collector saturation voltage
・Complement to type 2N6338~2N6341
APPLICATIONS
・For use in industrial-military power amplifier
and switching circuit applications
PINNING(see Fig.2)
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Absolute maximum ratings(Ta=℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2N6436
-100
2N6437
-120
VCBO
Collector-base voltage
2N6438
Open emitter
-140
V
2N6436
-80
2N6437
-100
VCEO
Collector-emitter voltage
2N6438
Open base
-120
V
VEBO
Emitter-base voltage
Open collector
-6
V
IC
Collector current
-25
A
ICM
Collector current-peak
-50
A
IBC
Base current
-10
A
PD
Total power dissipation
TC=25℃
200
W
Tj
Junction temperature
200
Tstg
Storage temperature
-65~200
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance junction to case
0.875
℃/W
Fig.1 simplified outline (TO-3) and symbol


Similar Part No. - 2N6437

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6437 MOSPEC-2N6437 Datasheet
191Kb / 4P
   POWER TRANSISTORS(25A,200W)
logo
ON Semiconductor
2N6437 ONSEMI-2N6437 Datasheet
131Kb / 6P
   POWER TRANSISTORS PNP SILICON
April, 2001 ??Rev. 2
logo
Boca Semiconductor Corp...
2N6437 BOCA-2N6437 Datasheet
198Kb / 4P
   HIGH-POWER PNP SILICON TRANSISTORS
logo
ON Semiconductor
2N6437 ONSEMI-2N6437 Datasheet
77Kb / 8P
   High-Power PNP Silicon Transistors
April, 2001 ??Rev. 2
logo
Savantic, Inc.
2N6437 SAVANTIC-2N6437 Datasheet
113Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - 2N6437

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com