Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20CWT10FNTRR Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 20CWT10FNTRR
Description  High Performance Schottky Generation 5.0, 2 x 10 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20CWT10FNTRR Datasheet(HTML) 6 Page - Vishay Siliconix

  20CWT10FNTRR Datasheet HTML 1Page - Vishay Siliconix 20CWT10FNTRR Datasheet HTML 2Page - Vishay Siliconix 20CWT10FNTRR Datasheet HTML 3Page - Vishay Siliconix 20CWT10FNTRR Datasheet HTML 4Page - Vishay Siliconix 20CWT10FNTRR Datasheet HTML 5Page - Vishay Siliconix 20CWT10FNTRR Datasheet HTML 6Page - Vishay Siliconix 20CWT10FNTRR Datasheet HTML 7Page - Vishay Siliconix 20CWT10FNTRR Datasheet HTML 8Page - Vishay Siliconix 20CWT10FNTRR Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94651
6
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 04-Jan-11
VS-20CUT10, VS-20CWT10FN
Vishay Semiconductors
High Performance Schottky
Generation 5.0, 2 x 10 A
ORDERING INFORMATION TABLE
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95024
Part marking information
www.vishay.com/doc?95025
Packaging information
www.vishay.com/doc?95033
SPICE model
www.vishay.com/doc?95041
2
-
Current rating (20 A)
1
-
Vishay Semiconductors product
5
-
T = Trench
6
-
Voltage rating (10 = 100 V)
4
-
Package:
U = I-PAK
W = D-PAK
3
-
Circuit configuration:
C = Common cathode
8
-
D-PAK, I-PAK:
None = Tube (75 pieces)
D-PAK only:
TR = Tape and reel
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
7
-
TO-252AA (D-PAK)
Device code
5
1
3
2
4
6
7
8
VS-
20
C
U
T
10
FN
TRL


Similar Part No. - 20CWT10FNTRR

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
20CWQ10FN SMC-20CWQ10FN Datasheet
138Kb / 5P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
20CWQ10FN SMCDIODE-20CWQ10FN Datasheet
889Kb / 4P
   20CWQ10FN SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - 20CWT10FNTRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR20T100CT VISHAY-MBR20T100CT Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 10 A
Revision: 15-Oct-08
MBR20T100CT VISHAY-MBR20T100CT_12 Datasheet
150Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 10 A
Revision: 15-Oct-08
VS-20CUT10 VISHAY-VS-20CUT10 Datasheet
145Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 10 A
Revision: 02-Nov-11
30CTT050-F VISHAY-30CTT050-F Datasheet
151Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 01-Oct-09
30CPT100 VISHAY-30CPT100 Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
60CPT045 VISHAY-60CPT045 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
6CUT10-E VISHAY-6CUT10-E_12 Datasheet
136Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 3 A
Revision: 03-Nov-11
30CTT100 VISHAY-30CTT100 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 19-Feb-08
6CUT10-E VISHAY-6CUT10-E Datasheet
155Kb / 9P
   High Performance Schottky Generation 5.0, 2 x 3 A
Revision: 05-Jan-11
40CPT100-F VISHAY-40CPT100-F Datasheet
147Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 29-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com