Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20ETF02PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 20ETF02PBF
Description  Fast Soft Recovery Rectifier Diode, 20 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20ETF02PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  20ETF02PBF Datasheet HTML 1Page - Vishay Siliconix 20ETF02PBF Datasheet HTML 2Page - Vishay Siliconix 20ETF02PBF Datasheet HTML 3Page - Vishay Siliconix 20ETF02PBF Datasheet HTML 4Page - Vishay Siliconix 20ETF02PBF Datasheet HTML 5Page - Vishay Siliconix 20ETF02PBF Datasheet HTML 6Page - Vishay Siliconix 20ETF02PBF Datasheet HTML 7Page - Vishay Siliconix 20ETF02PBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94096
4
Revision: 15-Apr-08
20ETF..PbF Soft Recovery Series
Vishay High Power Products
Fast Soft Recovery
Rectifier Diode, 20 A
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Recovery Time Characteristics, TJ = 25 °C
Fig. 9 - Recovery Time Characteristics, TJ = 150 °C
Fig. 10 - Recovery Charge Characteristics, TJ = 25 °C
Fig. 11 - Recovery Charge Characteristics, TJ = 150 °C
1000
10
1
012345
Instantaneous Forward Voltage (V)
100
20ETF.. Series
T
J = 25 °C
T
J = 150 °C
0.20
0.05
0
0
200
400
600
800
1000
dI/dt - Rate of Fall of Forward Current (A/µs)
0.10
0.15
20ETF.. Series
T
J = 25 °C
I
FM = 1 A
I
FM = 5 A
I
FM = 10 A
I
FM = 20 A
I
FM = 30 A
0.5
0.3
0
0
200
400
600
800
1000
dI/dt - Rate of Fall of Forward Current (A/µs)
0.1
0.2
20ETF.. Series
T
J = 150 °C
I
FM = 30 A
I
FM = 1 A
I
FM = 20 A
I
FM = 10 A
I
FM = 5 A
0.4
70
0
0
200
400
600
800
1000
dI/dt - Rate of Fall of Forward Current (A/µs)
30
50
40
60
I
FM = 30 A
I
FM = 20 A
I
FM = 10 A
I
FM = 5 A
I
FM = 1 A
20ETF.. Series
T
J = 25 °C
20
10
100
60
0
0
200
400
600
800
1000
dI/dt - Rate of Fall of Forward Current (A/µs)
20
40
80
I
FM = 30 A
I
FM = 20 A
I
FM = 10 A
I
FM = 5 A
I
FM = 1 A
20ETF.. Series
T
J = 150 °C


Similar Part No. - 20ETF02PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
20ETF02 ISC-20ETF02 Datasheet
241Kb / 2P
   Fast Recovery Rectifier Diode
logo
Vishay Siliconix
20ETF02FN VISHAY-20ETF02FN Datasheet
327Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 06-Aug-10
20ETF02FNPBF VISHAY-20ETF02FNPBF Datasheet
327Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 06-Aug-10
logo
International Rectifier
20ETF02FP IRF-20ETF02FP Datasheet
208Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE TO-220 FULLPAK
More results

Similar Description - 20ETF02PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-20ETFFPPBF VISHAY-VS-20ETFFPPBF Datasheet
222Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
20ETF02FPPBF VISHAY-20ETF02FPPBF Datasheet
327Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 06-Aug-10
VS-20ETF06THM3 VISHAY-VS-20ETF06THM3 Datasheet
331Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 27-Mar-2019
VS-20ETF02FP-M3 VISHAY-VS-20ETF02FP-M3_V01 Datasheet
307Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
01-Jan-2022
VS-20ETF06THM3 VISHAY-VS-20ETF06THM3_V01 Datasheet
329Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
01-Jan-2022
VS-20ETFPBF VISHAY-VS-20ETFPBF Datasheet
241Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-20ETFFP-M3 VISHAY-VS-20ETFFP-M3 Datasheet
223Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-20ETF0FPPBF VISHAY-VS-20ETF0FPPBF Datasheet
316Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-20ETFM3 VISHAY-VS-20ETFM3 Datasheet
258Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 18-Feb-2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com