Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

18TQ045 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 18TQ045
Description  Schottky Rectifier, 18 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

18TQ045 Datasheet(HTML) 7 Page - Vishay Siliconix

  18TQ045 Datasheet HTML 1Page - Vishay Siliconix 18TQ045 Datasheet HTML 2Page - Vishay Siliconix 18TQ045 Datasheet HTML 3Page - Vishay Siliconix 18TQ045 Datasheet HTML 4Page - Vishay Siliconix 18TQ045 Datasheet HTML 5Page - Vishay Siliconix 18TQ045 Datasheet HTML 6Page - Vishay Siliconix 18TQ045 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Document Number: 91000
www.vishay.com
Revision: 11-Mar-11
1
Disclaimer
Legal Disclaimer Notice
Vishay
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk and agree
to fully indemnify and hold Vishay and its distributors harmless from and against any and all claims, liabilities, expenses and
damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that Vishay
or its distributor was negligent regarding the design or manufacture of the part. Please contact authorized Vishay personnel to
obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 18TQ045

ManufacturerPart #DatasheetDescription
logo
International Rectifier
18TQ045 IRF-18TQ045 Datasheet
205Kb / 8P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
18TQ045 VISHAY-18TQ045 Datasheet
109Kb / 6P
   Schottky Rectifier, 18 A
Revision: 25-Jun-08
logo
New Jersey Semi-Conduct...
18TQ045 NJSEMI-18TQ045 Datasheet
142Kb / 1P
   Schottky Rectifiers
18TQ045 NJSEMI-18TQ045 Datasheet
59Kb / 1P
   Schottky Rectifiers
18TQ045 NJSEMI-18TQ045 Datasheet
59Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 18TQ045

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
18TQPBF VISHAY-18TQPBF Datasheet
120Kb / 6P
   Schottky Rectifier, 18 A
Revision: 16-Apr-08
18TQ VISHAY-18TQ Datasheet
109Kb / 6P
   Schottky Rectifier, 18 A
Revision: 25-Jun-08
VS-18TQ0PBF VISHAY-VS-18TQ0PBF Datasheet
179Kb / 7P
   Schottky Rectifier, 18 A
Revision: 11-Oct-12
18TQSPBF VISHAY-18TQSPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 18 A
Revision: 26-May-08
18TQS VISHAY-18TQS Datasheet
114Kb / 6P
   Schottky Rectifier, 18 A
Revision: 25-Jun-08
18TQ035SPBF VISHAY-18TQ035SPBF_10 Datasheet
159Kb / 8P
   Schottky Rectifier, 18 A
Revision: 12-Mar-10
VS-18TQ035SPBF VISHAY-VS-18TQ035SPBF Datasheet
158Kb / 8P
   Schottky Rectifier, 18 A
Revision: 12-Mar-10
VS-18TQ035-M3 VISHAY-VS-18TQ035-M3 Datasheet
165Kb / 7P
   High Performance Schottky Rectifier, 18 A
Revision: 23-Nov-17
VS-18TQ0HN3 VISHAY-VS-18TQ0HN3 Datasheet
161Kb / 7P
   High Performance Schottky Rectifier, 18 A
Revision: 05-Mar-14
VS-18TQ035S-M3 VISHAY-VS-18TQ035S-M3 Datasheet
192Kb / 8P
   High Performance Schottky Rectifier, 18 A
Revision: 25-Feb-14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com