Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D8LC20UR Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D8LC20UR
Description  Super Fast Recovery Rectifiers(200V 8A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D8LC20UR Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D8LC20UR Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D8LC20UR Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D8LC20UR Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D8LC20UR Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D8LC20UR Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D8LC20UR Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D8LC20UR Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Unit : mm
D8LC20UR
200V 8A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
RATINGS
SHINDENGEN
Case : ITO-220
Low noise
trr35ns
Fully Isolated Molding
FEATURES
APPLICATION
Switching power supply
Free Wheel
Home Appliances, Office Equipment
Telecommunication, Factory Automation
Super Fast Recovery Rectifiers
Dual
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
Operating Junction Temperature
Tj
150
Maximum Reverse Voltage
VRM
200
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Rating for each diode Io/2, Tc=122℃
8
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
60
A
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
1.5
kV
Mounting Torque
TOR
(Recommended torque:
0.3N・m)
0.5
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=4A,
Pulse measurement, Rating of per diode
Max.0.98
V
Reverse Current
IR
VR=VRM,
Pulse measurement, Rating of per diode
Max.10
μA
Reverse Recovery Time
trr
IF=0.5A,  IR=1A,  Rating of per diode
Max.35
ns
Thermal Resistance
θjc
junction to case
Max.3.3
℃/W


Similar Part No. - D8LC20UR

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
D8LC20UR THINKISEMI-D8LC20UR Datasheet
670Kb / 2P
   10 Ampere Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
More results

Similar Description - D8LC20UR

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D8LD20U SHINDENGEN-D8LD20U Datasheet
482Kb / 7P
   Super Fast Recovery Rectifiers(200V 8A)
D8LC20U SHINDENGEN-D8LC20U Datasheet
443Kb / 7P
   Super Fast Recovery Rectifiers(200V 8A)
SF8L60 SHINDENGEN-SF8L60 Datasheet
375Kb / 6P
   Super Fast Recovery Rectifiers(600V 8A)
D8LD40 SHINDENGEN-D8LD40 Datasheet
453Kb / 7P
   Super Fast Recovery Rectifiers(400V 8A)
D8L60 SHINDENGEN-D8L60 Datasheet
446Kb / 7P
   Super Fast Recovery Rectifiers(600V 8A)
D8LC40 SHINDENGEN-D8LC40 Datasheet
542Kb / 8P
   Super Fast Recovery Rectifiers (400V 8A)
SF5LC20U SHINDENGEN-SF5LC20U Datasheet
380Kb / 6P
   Super Fast Recovery Rectifiers(200V 5A)
D5LC20U SHINDENGEN-D5LC20U Datasheet
438Kb / 7P
   Super Fast Recovery Rectifiers(200V 5A)
D3L20U SHINDENGEN-D3L20U Datasheet
440Kb / 7P
   Super Fast Recovery Rectifiers(200V 2.5A)
D15LC20U SHINDENGEN-D15LC20U Datasheet
457Kb / 7P
   Super Fast Recovery Rectifiers(200V 15A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com