Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19MT050XFAPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 19MT050XFAPBF
Description  "Full Bridge" FREDFET MTP (Power MOSFET), 31 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

19MT050XFAPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  19MT050XFAPBF Datasheet HTML 1Page - Vishay Siliconix 19MT050XFAPBF Datasheet HTML 2Page - Vishay Siliconix 19MT050XFAPBF Datasheet HTML 3Page - Vishay Siliconix 19MT050XFAPBF Datasheet HTML 4Page - Vishay Siliconix 19MT050XFAPBF Datasheet HTML 5Page - Vishay Siliconix 19MT050XFAPBF Datasheet HTML 6Page - Vishay Siliconix 19MT050XFAPBF Datasheet HTML 7Page - Vishay Siliconix 19MT050XFAPBF Datasheet HTML 8Page - Vishay Siliconix 19MT050XFAPBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 94546
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 12-May-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
19MT050XFAPbF
"Full Bridge" FREDFET MTP
(Power MOSFET), 31 A
Vishay Semiconductors
Notes
(1) Starting TJ = 25 °C, L = 1.0 mH, Rg = 25
Ω, IAS = 31 A
(2) Repetitive rating; pulse width limited by maximum junction temperature
Note
(1) Standard version only i.e. without optional thermistor
AVALANCHE CHARACTERISTICS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
Single pulse avalanche energy
EAS (1)
-
-
493
mJ
Avalanche current
IAR (2)
--
31
A
Repetitive avalanche energy
EAR (2)
-
-
114
mJ
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating junction temperature range
TJ
- 40
-
150
°C
Storage temperature range
TStg
- 40
-
125
Junction to case per MOSFET
RthJC
-
-
0.44
°C/W
Case to sink
RthCS
Heatsink compound thermal
conductivity = 1 W/mK
-0.06
-
Clearance (1)
External shortest distance in air
between 2 terminals
5.5
-
-
mm
Creepage (1)
Shortest distance along external
surface of the insulating material
between 2 terminals
8-
-
Weight
-66-
g


Similar Part No. - 19MT050XFAPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
19MT050XF IRF-19MT050XF Datasheet
188Kb / 10P
   FULL BRIDGE FREDFET MTP HEXFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com