Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16TTS08STRLPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 16TTS08STRLPBF
Description  Surface Mountable Phase Control SCR, 16 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16TTS08STRLPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  16TTS08STRLPBF Datasheet HTML 1Page - Vishay Siliconix 16TTS08STRLPBF Datasheet HTML 2Page - Vishay Siliconix 16TTS08STRLPBF Datasheet HTML 3Page - Vishay Siliconix 16TTS08STRLPBF Datasheet HTML 4Page - Vishay Siliconix 16TTS08STRLPBF Datasheet HTML 5Page - Vishay Siliconix 16TTS08STRLPBF Datasheet HTML 6Page - Vishay Siliconix 16TTS08STRLPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94589
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 08-Jun-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
5
VS-16TTS..SPbF High Voltage Series
Surface Mountable
Phase Control SCR, 16 A
Vishay Semiconductors
Fig. 9 - Gate Characteristics
ORDERING INFORMATION TABLE
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95046
Part marking information
www.vishay.com/doc?95054
Packaging information
www.vishay.com/doc?95032
0.1
1
10
100
0.001
0.01
0.1
1
10
100
(b)
(a)
Rectangular gate pulse
(4)
(3)
(2)
(1)
Instantaneous Gate Current (A)
b)Recommended load line for
VGD
IGD
Frequency Limited by PG(AV)
a)Recommended load line for
rated di/dt: 10 V, 20 ohms
tr = 0.5µs, tp >= 6 µs
<= 30% rated di/dt: 10 V, 65 ohms
tr = 1 µs, tp >= 6 µs
(1) PGM = 40 , tp = 1 ms
(2) PGM = 20 W, tp = 2 ms
(3) PGM = 8 W, tp = 5 ms
(4) PGM = 4 W, tp = 10 ms
16TTS.. Series
08 = 800 V
12 = 1200 V
-
1
-
HPP product suffix
2
-
Current rating
3
-
Circuit configuration:
4
-
Package:
-
PbF = Lead (Pb)-free
5
6
-
Voltage rating: Voltage code x 100 = VRRM
T = Single thyristor
-
Type of silicon:
T = TO-220AC
S = Standard recovery rectifier
9
7
-
S = TO-220 D2PAK (SMD-220) version
8
None = Tube
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
Device code
5
1
3
24
67
8
9
VS-
16
T
T
S
12
S
TRL PbF


Similar Part No. - 16TTS08STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16TTS08STRLPBF VISHAY-16TTS08STRLPBF Datasheet
142Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 02-Jul-08
More results

Similar Description - 16TTS08STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16TTS16SPBF VISHAY-16TTS16SPBF_10 Datasheet
165Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 16-Jul-10
16TTS16SPBF VISHAY-16TTS16SPBF Datasheet
141Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 04-Jul-08
25TTSS VISHAY-25TTSS Datasheet
146Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 20-Jun-08
16TTS08S VISHAY-16TTS08S Datasheet
142Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 04-Jul-08
25TTSSPBF VISHAY-25TTSSPBF Datasheet
150Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 06-Aug-08
25TTS08SPBF VISHAY-25TTS08SPBF Datasheet
612Kb / 8P
   Surface Mountable Phase Control SCR, 16 A
Revision: 09-Jun-10
16TTS08SPBF VISHAY-16TTS08SPBF Datasheet
142Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 02-Jul-08
16TTSS VISHAY-16TTSS Datasheet
121Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 04-Jul-08
10TTS08S VISHAY-10TTS08S_V01 Datasheet
104Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
18-Jul-08
logo
International Rectifier
25TTS IRF-25TTS Datasheet
313Kb / 7P
   SURFACE MOUNTABLE PHASE CONTROL SCR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com