Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16CTQ060STRLPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 16CTQ060STRLPBF
Description  Schottky Rectifier, 2 x 8 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16CTQ060STRLPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  16CTQ060STRLPBF Datasheet HTML 1Page - Vishay Siliconix 16CTQ060STRLPBF Datasheet HTML 2Page - Vishay Siliconix 16CTQ060STRLPBF Datasheet HTML 3Page - Vishay Siliconix 16CTQ060STRLPBF Datasheet HTML 4Page - Vishay Siliconix 16CTQ060STRLPBF Datasheet HTML 5Page - Vishay Siliconix 16CTQ060STRLPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 94145
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 12-Mar-10
5
VS-16CTQ...SPbF, VS-16CTQ...-1PbF Series
Schottky Rectifier,
2 x 8 A
Vishay High Power Products
ORDERING INFORMATION TABLE
060 = 60 V
080 = 80 V
100 = 100 V
2
-
Current rating (16 A)
3
-
Circuit configuration: C = Common cathode
4
-
T = TO-220
5
-
Schottky “Q” series
6
-
Voltage ratings
7
-
S = D2PAK
-1 = TO-262
8
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented - for D2PAK only)
TRR = Tape and reel (right oriented - for D2PAK only)
-
PbF = Lead (Pb)-free
9
1
-
HPP product suffix
Device code
5
1
3
24
67
8
9
VS-
16
C
T
Q
100
S
TRL PbF
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95014
Part marking information
www.vishay.com/doc?95008
Packaging information
www.vishay.com/doc?95032
SPICE model
www.vishay.com/doc?95279


Similar Part No. - 16CTQ060STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16CTQ060STRLPBF VISHAY-16CTQ060STRLPBF Datasheet
125Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
More results

Similar Description - 16CTQ060STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16CTQ100PBF VISHAY-16CTQ100PBF Datasheet
145Kb / 7P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
16CTQG VISHAY-16CTQG Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 22-Aug-08
16CTQS VISHAY-16CTQS Datasheet
126Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 22-Aug-08
16CTQSPBF VISHAY-16CTQSPBF Datasheet
125Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
VS-16CTQ100PBF VISHAY-VS-16CTQ100PBF Datasheet
145Kb / 7P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
VS-16CTQPBF VISHAY-VS-16CTQPBF_V01 Datasheet
168Kb / 7P
   Schottky Rectifier, 2 x 8 A
08-Feb-17
VS-16CTQPBF VISHAY-VS-16CTQPBF Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 8 A
Revision: 25-Aug-11
VS-16CTQGSPBF VISHAY-VS-16CTQGSPBF Datasheet
168Kb / 8P
   Schottky Rectifier, 2 x 8 A
Revision: 23-Mar-10
16CTQGS VISHAY-16CTQGS Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 22-Aug-08
16CTQGSPBF VISHAY-16CTQGSPBF Datasheet
512Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com