Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15TQ060SPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 15TQ060SPBF
Description  Schottky Rectifier, 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15TQ060SPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  15TQ060SPBF_10 Datasheet HTML 1Page - Vishay Siliconix 15TQ060SPBF_10 Datasheet HTML 2Page - Vishay Siliconix 15TQ060SPBF_10 Datasheet HTML 3Page - Vishay Siliconix 15TQ060SPBF_10 Datasheet HTML 4Page - Vishay Siliconix 15TQ060SPBF_10 Datasheet HTML 5Page - Vishay Siliconix 15TQ060SPBF_10 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94143
2
Revision: 12-Mar-10
VS-15TQ060SPbF
Vishay High Power Products Schottky Rectifier, 15 A
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
See fig. 1
VFM (1)
15 A
TJ = 25 °C
0.62
V
30 A
0.82
15 A
TJ = 125 °C
0.56
30 A
0.71
Maximum reverse leakage current
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
0.80
mA
TJ = 125 °C
45
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
720
pF
Typical series inductance
LS
Measured lead to lead 5 mm from package body
8.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 150
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
See fig. 4
3.25
°C/W
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.50
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style D2PAK
15TQ060S


Similar Part No. - 15TQ060SPBF_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15TQ060SPBF VISHAY-15TQ060SPBF Datasheet
109Kb / 6P
   Schottky Rectifier, 15 A
Revision: 26-May-08
More results

Similar Description - 15TQ060SPBF_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-15TQ060SPBF VISHAY-VS-15TQ060SPBF Datasheet
148Kb / 8P
   Schottky Rectifier, 15 A
Revision: 12-Mar-10
12TQPBF VISHAY-12TQPBF Datasheet
121Kb / 6P
   Schottky Rectifier, 15 A
Revision: 05-Jun-08
12TQS VISHAY-12TQS Datasheet
114Kb / 6P
   Schottky Rectifier, 15 A
Revision: 25-Jun-08
15TQ060 VISHAY-15TQ060 Datasheet
113Kb / 6P
   Schottky Rectifier, 15 A
Revision: 25-Jun-08
VS-12TQPBF VISHAY-VS-12TQPBF_V01 Datasheet
135Kb / 7P
   Schottky Rectifier, 15 A
08-Feb-17
VS-12TQPBF VISHAY-VS-12TQPBF Datasheet
167Kb / 7P
   Schottky Rectifier, 15 A
Revision: 25-Aug-11
15TQ060PBF VISHAY-15TQ060PBF Datasheet
143Kb / 7P
   Schottky Rectifier, 15 A
Revision: 17-Apr-08
15TQ060S VISHAY-15TQ060S Datasheet
106Kb / 6P
   Schottky Rectifier, 15 A
Revision: 25-Jun-08
12TQ035SPBF VISHAY-12TQ035SPBF_10 Datasheet
112Kb / 6P
   Schottky Rectifier, 15 A
Revision: 12-Mar-10
VS-12TQ035SPBF VISHAY-VS-12TQ035SPBF Datasheet
158Kb / 8P
   Schottky Rectifier, 15 A
Revision: 12-Mar-10
12TQSPBF VISHAY-12TQSPBF Datasheet
114Kb / 6P
   Schottky Rectifier, 15 A
Revision: 26-May-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com