Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15STH06FP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 15STH06FP
Description  Hyperfast Rectifier, 15 A FRED Pt
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15STH06FP Datasheet(HTML) 1 Page - Vishay Siliconix

  15STH06FP Datasheet HTML 1Page - Vishay Siliconix 15STH06FP Datasheet HTML 2Page - Vishay Siliconix 15STH06FP Datasheet HTML 3Page - Vishay Siliconix 15STH06FP Datasheet HTML 4Page - Vishay Siliconix 15STH06FP Datasheet HTML 5Page - Vishay Siliconix 15STH06FP Datasheet HTML 6Page - Vishay Siliconix 15STH06FP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94556
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Hyperfast Rectifier, 15 A FRED Pt®
VS-15STH06FP
Vishay Semiconductors
FEATURES
• Hyperfast recovery time, extremely low Qrr
• 175 °C maximum operating junction temperature
• High frequency PFC CCM operation
• Low leakage current
• Halogen-free according to IEC 61249-2-21 definition
• Designed and qualified for industrial level
DESCRIPTION
VS-15STH06FP 600 V series are the state of the art
tandem hyperfast recovery rectifiers: excellent switching
performance and extremely low forward voltage drop trade
off is overcome, boosting overall application performance.
Specially designed for CCM PFC application, these devices
show incomparable performance in every current intensive
hard switching application.
Optimized
reverse
recovery
stored
charge
enables
downsizing of boosting switch and cooling system,
increased operating frequency make possible use of smaller
reactive elements. Cost effective PFC application is then
possible with high efficiency over wide input voltage range
and loading factor.
Plastic insulated package features easy mounting together
with not insulated parts.
PRODUCT SUMMARY
Package
3L TO-220FP
IF(AV)
15 A
VR
600 V
VF at IF
2.4 V
trr (typ.)
See Recovery table
TJ max.
175 °C
Diode variation
Doubler
12
3
3L TO-220 FULL-PAK
ABSOLUTE MAXIMUM RATINGS FOR BOTH DIODES
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Repetitive peak reverse voltage
VRRM
600
V
DC forward current
IF
TC = 73 °C
15
A
Non-repetitive peak surge current
IFSM
TC = 25 °C
115
Operating junction and storage temperatures
TJ, TStg
- 55 to 175
°C
ELECTRICAL SPECIFICATIONS FOR BOTH DIODES (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
600
-
-
V
Forward voltage
VF
IF = 15 A
-
2.2
2.4
IF = 15 A, TJ = 125 °C
-
1.9
2.1
IF = 15 A, TJ = 150 °C
-
1.8
2
Reverse leakage current
IR
VR = VR rated
-
< 1
10
μA
TJ = 125 °C, VR = VR rated
-
10
100
TJ = 150 °C, VR = VR rated
-
40
200
Junction capacitance
CT
VR = 600 V
-
17
-
pF


Similar Part No. - 15STH06FP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15STH06FP VISHAY-15STH06FP Datasheet
121Kb / 5P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 07-Apr-08
More results

Similar Description - 15STH06FP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETX06SPBF VISHAY-15ETX06SPBF_10 Datasheet
176Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-10
ETH1506-M3 VISHAY-ETH1506-M3 Datasheet
201Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
ETH1506S-M3 VISHAY-ETH1506S-M3 Datasheet
195Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 21-Apr-11
VS-ETH1506-M3 VISHAY-VS-ETH1506-M3 Datasheet
205Kb / 10P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
15S2TH06FP VISHAY-15S2TH06FP_10 Datasheet
131Kb / 7P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 19-Aug-10
ETX1506S-M3 VISHAY-ETX1506S-M3 Datasheet
195Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
15ETH03SPBF VISHAY-15ETH03SPBF_10 Datasheet
182Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-10
VS-15ETH06HN3 VISHAY-VS-15ETH06HN3 Datasheet
174Kb / 7P
   Hyperfast Rectifier, 15 A Fred Pt
Revision: 10-Jul-15
15ETH06SPBF VISHAY-15ETH06SPBF_10 Datasheet
182Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-10
ETX1506-M3 VISHAY-ETX1506-M3 Datasheet
200Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com