Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15ETX06-1TRRPBF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 15ETX06-1TRRPBF
Description  Hyperfast Rectifier, 15 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15ETX06-1TRRPBF Datasheet(HTML) 8 Page - Vishay Siliconix

  15ETX06-1TRRPBF Datasheet HTML 1Page - Vishay Siliconix 15ETX06-1TRRPBF Datasheet HTML 2Page - Vishay Siliconix 15ETX06-1TRRPBF Datasheet HTML 3Page - Vishay Siliconix 15ETX06-1TRRPBF Datasheet HTML 4Page - Vishay Siliconix 15ETX06-1TRRPBF Datasheet HTML 5Page - Vishay Siliconix 15ETX06-1TRRPBF Datasheet HTML 6Page - Vishay Siliconix 15ETX06-1TRRPBF Datasheet HTML 7Page - Vishay Siliconix 15ETX06-1TRRPBF Datasheet HTML 8Page - Vishay Siliconix 15ETX06-1TRRPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
Document Number: 95014
2
For technical questions concerning module products, contact: ind-modules@vishay.com
Revision: 31-Mar-09
Outline Dimensions
Vishay High Power Products
D2PAK, TO-262
DIMENSIONS FOR TO-262 in millimeters and inches
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Dimension D and E do not include mold flash. Mold flash shall not
exceed 0.127 mm (0.005") per side. These dimensions are
measured at the outmost extremes of the plastic body
(3) Thermal pad contour optional within dimension E, L1, D1 and E1
(4) Dimension b1 and c1 apply to base metal only
(5) Controlling dimension: inches
(6) Outline conform to JEDEC TO-262 except A1 (maximum), b
(minimum) and D1 (minimum) where dimensions derived the
actual package outline
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
A1
2.03
3.02
0.080
0.119
b
0.51
0.99
0.020
0.039
b1
0.51
0.89
0.020
0.035
4
b2
1.14
1.78
0.045
0.070
b3
1.14
1.73
0.045
0.068
4
c
0.38
0.74
0.015
0.029
c1
0.38
0.58
0.015
0.023
4
c2
1.14
1.65
0.045
0.065
D
8.51
9.65
0.335
0.380
2
D1
6.86
8.00
0.270
0.315
3
E
9.65
10.67
0.380
0.420
2, 3
E1
7.90
8.80
0.311
0.346
3
e
2.54 BSC
0.100 BSC
L
13.46
14.10
0.530
0.555
L1
-
1.65
-
0.065
3
L2
3.56
3.71
0.140
0.146
(4)
(4)
Base
metal
Plating
b1, b3
(b, b2)
c1
c
Section B - B and C - C
Scale: None
Section A - A
(3)
E1
(3)
D1
E
B
A
A
A
c2
c
A1
Seating
plane
Lead tip
(3)
(2) (3)
(2)
A
E
(Datum A)
L1
L2
B
B
C
C
3
2
1
L
D
2 x e
3 x b2
3 x b
0.010
A
B
MM
Modified JEDEC outline TO-262
Lead assignments
Diodes
1. - Anode (two die)/open (one die)
2., 4. - Cathode
3. - Anode


Similar Part No. - 15ETX06-1TRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETX06-1TRRPBF VISHAY-15ETX06-1TRRPBF Datasheet
121Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 21-May-08
More results

Similar Description - 15ETX06-1TRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETH1506-M3 VISHAY-ETH1506-M3 Datasheet
201Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
ETH1506S-M3 VISHAY-ETH1506S-M3 Datasheet
195Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 21-Apr-11
VS-ETH1506-M3 VISHAY-VS-ETH1506-M3 Datasheet
205Kb / 10P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
15S2TH06FP VISHAY-15S2TH06FP_10 Datasheet
131Kb / 7P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 19-Aug-10
15STH06FP VISHAY-15STH06FP_10 Datasheet
124Kb / 7P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 19-Aug-10
ETX1506S-M3 VISHAY-ETX1506S-M3 Datasheet
195Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
15ETH03SPBF VISHAY-15ETH03SPBF_10 Datasheet
182Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-10
VS-15ETH06HN3 VISHAY-VS-15ETH06HN3 Datasheet
174Kb / 7P
   Hyperfast Rectifier, 15 A Fred Pt
Revision: 10-Jul-15
15ETH06SPBF VISHAY-15ETH06SPBF_10 Datasheet
182Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-10
ETX1506-M3 VISHAY-ETX1506-M3 Datasheet
200Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com