Electronic Components Datasheet Search |
|
15ETH03-1TRRPBF Datasheet(PDF) 7 Page - Vishay Siliconix |
|
15ETH03-1TRRPBF Datasheet(HTML) 7 Page - Vishay Siliconix |
7 / 9 page Document Number: 95014 For technical questions concerning discrete products, contact: diodes-tech@vishay.com www.vishay.com Revision: 31-Mar-09 For technical questions concerning module products, contact: ind-modules@vishay.com 1 D2PAK, TO-262 Outline Dimensions Vishay High Power Products DIMENSIONS FOR D2PAK in millimeters and inches Notes (1) Dimensioning and tolerancing per ASME Y14.5 M-1994 (2) Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at the outmost extremes of the plastic body (3) Thermal pad contour optional within dimension E, L1, D1 and E1 (4) Dimension b1 and c1 apply to base metal only (5) Datum A and B to be determined at datum plane H (6) Controlling dimension: inch (7) Outline conforms to JEDEC outline TO-263AB SYMBOL MILLIMETERS INCHES NOTES SYMBOL MILLIMETERS INCHES NOTES MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. A 4.06 4.83 0.160 0.190 D1 6.86 8.00 0.270 0.315 3 A1 0.00 0.254 0.000 0.010 E 9.65 10.67 0.380 0.420 2, 3 b 0.51 0.99 0.020 0.039 E1 7.90 8.80 0.311 0.346 3 b1 0.51 0.89 0.020 0.035 4 e 2.54 BSC 0.100 BSC b2 1.14 1.78 0.045 0.070 H 14.61 15.88 0.575 0.625 b3 1.14 1.73 0.045 0.068 4 L 1.78 2.79 0.070 0.110 c 0.38 0.74 0.015 0.029 L1 - 1.65 - 0.066 3 c1 0.38 0.58 0.015 0.023 4 L2 1.27 1.78 0.050 0.070 c2 1.14 1.65 0.045 0.065 L3 0.25 BSC 0.010 BSC D 8.51 9.65 0.335 0.380 2 L4 4.78 5.28 0.188 0.208 c B Detail A c2 A A A ± 0.004 B M A Lead tip (3) (3) View A - A (E) (D1) E1 B H A1 Detail “A” Rotated 90 °CW Scale: 8:1 L Gauge plane 0° to 8° L3 L4 Seating plane Section B - B and C - C Scale: None (4) (4) (b, b2) b1, b3 (c) c1 Base Metal Plating Conforms to JEDEC outline D2PAK (SMD-220) 13 2 D C A L2 E (2)(3) (2) 4 H BB 2 x b 2 x b2 L1 0.010 A B MM (3) e 2 x Pad layout MIN. 11.00 (0.43) MIN. 9.65 (0.38) MIN. 3.81 (0.15) MIN. 2.32 (0.08) 17.90 (0.70) 15.00 (0.625) 2.64 (0.103) 2.41 (0.096) Lead assignments Diodes 1. - Anode (two die)/open (one die) 2., 4. - Cathode 3. - Anode |
Similar Part No. - 15ETH03-1TRRPBF |
|
Similar Description - 15ETH03-1TRRPBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |