Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12CTQ045SPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 12CTQ045SPBF
Description  Schottky Rectifier, 2 x 6 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

12CTQ045SPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  12CTQ045SPBF Datasheet HTML 1Page - Vishay Siliconix 12CTQ045SPBF Datasheet HTML 2Page - Vishay Siliconix 12CTQ045SPBF Datasheet HTML 3Page - Vishay Siliconix 12CTQ045SPBF Datasheet HTML 4Page - Vishay Siliconix 12CTQ045SPBF Datasheet HTML 5Page - Vishay Siliconix 12CTQ045SPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94131
4
Revision: 12-Mar-10
VS-12CTQ...SPbF, VS-12CTQ...-1PbF Series
Vishay High Power Products
Schottky Rectifier,
2 x 6 A
Fig. 5 - Maximum Allowable Case Temperature vs. Average
Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Fig. 7 - Maximum Non-Repetitive Surge Current (Per Leg)
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
IF(AV) - Average Forward Current (A)
08
10
4
150
155
160
165
170
175
See note (1)
Square wave (D = 0.50)
80 % rated V
R applied
DC
2
6
0
IF(AV) - Average Forward Current (A)
0
46
10
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
2
8
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
tp - Square Wave Pulse Duration (µs)
100
1000
10
100
1000
10 000
At any rated load condition
and with rated V
applied
following surge
RRM
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - 12CTQ045SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12CTQ045S IRF-12CTQ045S Datasheet
231Kb / 8P
   SCHOTTKY RECTIFIER
More results

Similar Description - 12CTQ045SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-12CWQ10FNTRPBF VISHAY-VS-12CWQ10FNTRPBF Datasheet
148Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ10FNPBF VISHAY-VS-12CWQ10FNPBF Datasheet
140Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ04FNPBF VISHAY-VS-12CWQ04FNPBF_15 Datasheet
140Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ04FNHM3 VISHAY-VS-12CWQ04FNHM3_15 Datasheet
105Kb / 6P
   Schottky Rectifier, 2 x 6 A
Revision: 21-Aug-13
12CWQ04FNPBF VISHAY-12CWQ04FNPBF Datasheet
141Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
12CTQ VISHAY-12CTQ Datasheet
120Kb / 6P
   Schottky Rectifier, 2 x 6 A
Revision: 06-Oct-08
12CWQ03FNPBF VISHAY-12CWQ03FNPBF Datasheet
140Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
12CWQ10FNPBF VISHAY-12CWQ10FNPBF Datasheet
145Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ06FNPBF VISHAY-VS-12CWQ06FNPBF Datasheet
149Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ03FNPBF VISHAY-VS-12CWQ03FNPBF_15 Datasheet
139Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ04FN-M3 VISHAY-VS-12CWQ04FN-M3_15 Datasheet
141Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 03-Nov-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com