Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10WQ045FNTRPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 10WQ045FNTRPBF
Description  Schottky Rectifier, 10 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10WQ045FNTRPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  10WQ045FNTRPBF Datasheet HTML 1Page - Vishay Siliconix 10WQ045FNTRPBF Datasheet HTML 2Page - Vishay Siliconix 10WQ045FNTRPBF Datasheet HTML 3Page - Vishay Siliconix 10WQ045FNTRPBF Datasheet HTML 4Page - Vishay Siliconix 10WQ045FNTRPBF Datasheet HTML 5Page - Vishay Siliconix 10WQ045FNTRPBF Datasheet HTML 6Page - Vishay Siliconix 10WQ045FNTRPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 94122
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 14-Jan-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
VS-10WQ045FNPbF
Schottky Rectifier, 10 A
Vishay Semiconductors
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
100
10
VFM - Forward Voltage Drop (V)
1
0
0.4 0.6 0.8
2.0
T
J = 25 °C
T
J = 175 °C
T
J = 125 °C
0.2
1.0 1.2 1.4 1.6 1.8
1000
0.01
0.001
VR - Reverse Voltage (V)
0
0.0001
50
40
0.1
1
10
20
30
10
100
T
J = 175 °C
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
10 000
VR - Reverse Voltage (V)
0
100
50
10
20
30
40
T
J = 25 °C
1000
t1 - Rectangular Pulse Duration (s)
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
10
Single pulse
(thermal resistance)
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
D = 0.75
D = 0.33
D = 0.25
D = 0.20
D = 0.50


Similar Part No. - 10WQ045FNTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10WQ045FNTRPBF IRF-10WQ045FNTRPBF Datasheet
185Kb / 7P
   SCHOTTKY RECTIFIER
More results

Similar Description - 10WQ045FNTRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBR10PBF VISHAY-VS-MBR10PBF Datasheet
158Kb / 7P
   Schottky Rectifier, 10 A
Revision: 29-Aug-11
VS-10TQPBF VISHAY-VS-10TQPBF Datasheet
167Kb / 7P
   Schottky Rectifier, 10 A
Revision: 11-Oct-11
MBR1045PBF VISHAY-MBR1045PBF Datasheet
110Kb / 6P
   Schottky Rectifier, 10 A
Revision: 14-Aug-08
10TQ VISHAY-10TQ_12 Datasheet
144Kb / 7P
   Schottky Rectifier, 10 A
Revision: 05-Jun-08
10TQPBF VISHAY-10TQPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 10 A
Revision: 05-Jun-08
10TQS VISHAY-10TQS Datasheet
125Kb / 6P
   Schottky Rectifier, 10 A
Revision: 25-Jun-08
STPS1045BPBF VISHAY-STPS1045BPBF Datasheet
91Kb / 6P
   Schottky Rectifier, 10 A
Revision: 23-Apr-08
MBR1035PBF VISHAY-MBR1035PBF_12 Datasheet
157Kb / 7P
   Schottky Rectifier, 10 A
Revision: 29-Aug-11
logo
Kersemi Electronic Co.,...
MBR1045PBF KERSEMI-MBR1045PBF Datasheet
1Mb / 5P
   Schottky Rectifier, 10 A
logo
Vishay Siliconix
VS-STPS1045B-M3 VISHAY-VS-STPS1045B-M3 Datasheet
135Kb / 7P
   Schottky Rectifier, 10 A
Revision: 03-Nov-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com