Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10UT10FNTR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 10UT10FNTR
Description  High Performance Generation 5.0 Schottky Rectifier, 10 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10UT10FNTR Datasheet(HTML) 3 Page - Vishay Siliconix

  10UT10FNTR Datasheet HTML 1Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 2Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 3Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 4Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 5Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 6Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 7Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VS-10UT10, VS-10WT10FN
www.vishay.com
Vishay Semiconductors
Revision: 10-Aug-11
3
Document Number: 94647
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
VR - Reverse Voltage (V)
020
40
80
60
100
10
1000
100
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
t1 - Rectangular Pulse Duration (s)
1
Single pulse
(thermal resistance)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
I
F(AV) Average Forward Current (A)
8
6
4
212
10
14
16
0
165
175
180
145
155
160
170
150
Square wave (D = 0.50)
80 % rated V
R applied
See note (1)
DC
I
F(AV) - Average Forward Current (A)
12
9
6
3
15
0
8
10
0
4
6
2
180°
120°
90°
60°
30°
RMS limit
DC


Similar Part No. - 10UT10FNTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10UT10FNTR VISHAY-10UT10FNTR Datasheet
133Kb / 7P
   High Performance Generation 5.0 Schottky Rectifier, 10 A
Revision: 02-Nov-11
10UT10FNTRL VISHAY-10UT10FNTRL Datasheet
133Kb / 7P
   High Performance Generation 5.0 Schottky Rectifier, 10 A
Revision: 02-Nov-11
10UT10FNTRR VISHAY-10UT10FNTRR Datasheet
133Kb / 7P
   High Performance Generation 5.0 Schottky Rectifier, 10 A
Revision: 02-Nov-11
More results

Similar Description - 10UT10FNTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10UT10 VISHAY-10UT10_12 Datasheet
133Kb / 7P
   High Performance Generation 5.0 Schottky Rectifier, 10 A
Revision: 02-Nov-11
VS-10UT10 VISHAY-VS-10UT10 Datasheet
134Kb / 8P
   High Performance Generation 5.0 Schottky Rectifier, 10 A
Revision: 02-Nov-11
VS-10UT10 VISHAY-VS-10UT10_V01 Datasheet
131Kb / 7P
   High Performance Generation 5.0 Schottky Rectifier, 10 A
02-Oct-12
MBR10T100 VISHAY-MBR10T100_12 Datasheet
146Kb / 8P
   High Performance Schottky Generation 5.0, 10 A
Revision: 24-Jul-08
MBR10T100 VISHAY-MBR10T100_V01 Datasheet
144Kb / 8P
   High Performance Schottky Generation 5.0, 10 A
02-Oct-12
MBR10T100 VISHAY-MBR10T100 Datasheet
114Kb / 7P
   High Performance Schottky Generation 5.0, 10 A
Revision: 24-Jul-08
30PT100 VISHAY-30PT100_11 Datasheet
156Kb / 8P
   High Performance Generation 5.0 Schottky Rectifier, 30 A
Revision: 10-Aug-11
MBR20T100CT VISHAY-MBR20T100CT Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 10 A
Revision: 15-Oct-08
20CUT10 VISHAY-20CUT10 Datasheet
155Kb / 9P
   High Performance Schottky Generation 5.0, 2 x 10 A
Revision: 04-Jan-11
MBR20T100CT VISHAY-MBR20T100CT_12 Datasheet
150Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 10 A
Revision: 15-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com