Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10ETS08FP Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 10ETS08FP
Description  Input Rectifier Diode TO-220 FULL-PAK, 10 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10ETS08FP Datasheet(HTML) 6 Page - Vishay Siliconix

  10ETS08FP Datasheet HTML 1Page - Vishay Siliconix 10ETS08FP Datasheet HTML 2Page - Vishay Siliconix 10ETS08FP Datasheet HTML 3Page - Vishay Siliconix 10ETS08FP Datasheet HTML 4Page - Vishay Siliconix 10ETS08FP Datasheet HTML 5Page - Vishay Siliconix 10ETS08FP Datasheet HTML 6Page - Vishay Siliconix 10ETS08FP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 20-Jul-11
1
Document Number: 95005
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
5° ± 0.5°
3.3
3.1
5° ± 0.5°
0.9
0.7
2.54 TYP.
2.54 TYP.
10.6
10.4
3.7
3.2
7.31
6.91
0.61
0.38
2.85
2.65
2.8
2.6
1.4
1.3
10°
4.8
4.6
16.0
15.8
16.4
15.4
(2 places)
R 0.7
R 0.5
Hole Ø
3.4
3.1
TYP.
1.15
1.05
13.56
13.05
Lead assignments
Diodes
1 + 2 - Cathode
3 - Anode
Conforms to JEDEC outline TO-220 FULL-PAK


Similar Part No. - 10ETS08FP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS08FP IRF-10ETS08FP Datasheet
91Kb / 6P
   INPUT RECTIFIER DIODE TO-220 FULLPAK
More results

Similar Description - 10ETS08FP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS08FP IRF-10ETS08FP Datasheet
91Kb / 6P
   INPUT RECTIFIER DIODE TO-220 FULLPAK
logo
Vishay Siliconix
10ETS08SPBF VISHAY-10ETS08SPBF Datasheet
168Kb / 7P
   Input Rectifier Diode, 10 A
Revision: 08-Apr-10
10ETS08PBF VISHAY-10ETS08PBF Datasheet
186Kb / 7P
   Input Rectifier Diode, 10 A
Revision: 22-Jul-10
VS-10ETSFPPBF VISHAY-VS-10ETSFPPBF Datasheet
140Kb / 7P
   High Voltage, Input Rectifier Diode, 10 A
Revision: 18-Jun-13
VS-10ETSPBF VISHAY-VS-10ETSPBF Datasheet
179Kb / 7P
   High Voltage, Input Rectifier Diode, 10 A
Revision: 12-Feb-16
VS-10ETS0810FP-M3 VISHAY-VS-10ETS0810FP-M3 Datasheet
149Kb / 7P
   High Voltage, Input Rectifier Diode, 10 A
Revision: 15-Sep-17
VS-10ETS08-M3 VISHAY-VS-10ETS08-M3 Datasheet
169Kb / 6P
   High Voltage, Input Rectifier Diode, 10 A
Revision: 23-Nov-17
VS-10ETSPBF VISHAY-VS-10ETSPBF_V01 Datasheet
152Kb / 7P
   High Voltage, Input Rectifier Diode, 10 A
08-Feb-17
VS-10ETS12THM3 VISHAY-VS-10ETS12THM3 Datasheet
174Kb / 6P
   High Voltage, Input Rectifier Diode, 10 A
Revision: 27-Mar-2019
VS-10ETS08FP-M3 VISHAY-VS-10ETS08FP-M3_V01 Datasheet
150Kb / 7P
   High Voltage, Input Rectifier Diode, 10 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com