Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8EWS12STRLPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 8EWS12STRLPBF
Description  Surface Mountable Input Rectifier Diode, 8 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8EWS12STRLPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  8EWS12STRLPBF Datasheet HTML 1Page - Vishay Siliconix 8EWS12STRLPBF Datasheet HTML 2Page - Vishay Siliconix 8EWS12STRLPBF Datasheet HTML 3Page - Vishay Siliconix 8EWS12STRLPBF Datasheet HTML 4Page - Vishay Siliconix 8EWS12STRLPBF Datasheet HTML 5Page - Vishay Siliconix 8EWS12STRLPBF Datasheet HTML 6Page - Vishay Siliconix 8EWS12STRLPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94349
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 01-Jul-09
1
Surface Mountable
Input Rectifier Diode, 8 A
8EWS..SPbF High Voltage Series
Vishay High Power Products
DESCRIPTION/FEATURES
The 8EWS..SPbF rectifier High Voltage Series has
been optimized for very low forward voltage drop,
with moderate leakage. The glass passivation
technology used has reliable operation up to 150 °C junction
temperature.
The high reverse voltage range available allows design of
input stage primary rectification with outstanding voltage
surge capability.
Typical applications are in input rectification and these
products are designed to be used with Vishay HPP switches
and output rectifiers which are available in identical package
outlines.
This product has been designed and qualified for industrial
level.
Compliant to RoHS directive 2002/95/EC.
Note
•TA = 55 °C, TJ = 125 °C, footprint 300 mm2
PRODUCT SUMMARY
VF at 5 A
1 V
IFSM
200 A
VRRM
800/1200 V
D-PAK
Anode
1
3
Base
cathode
Anode
4, 2
OUTPUT CURRENT IN TYPICAL APPLICATIONS
APPLICATIONS
SINGLE-PHASE BRIDGE
THREE-PHASE BRIDGE
UNITS
NEMA FR-4 or G10 glass fabric-based epoxy
with 4 oz. (140 µm) copper
1.2
1.6
A
Aluminum IMS, RthCA = 15 °C/W
2.5
2.8
Aluminum IMS with heatsink, RthCA = 5 °C/W
5.5
6.5
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Sinusoidal waveform
8
A
VRRM
800/1200
V
IFSM
200
A
VF
8 A, TJ = 25 °C
1.10
V
TJ
- 55 to 150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM
AT 150 °C
mA
8EWS08SPbF
800
900
0.5
8EWS12SPbF
1200
1300


Similar Part No. - 8EWS12STRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWS12STRLPBF IRF-8EWS12STRLPBF Datasheet
213Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
More results

Similar Description - 8EWS12STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8EWS16SPBF VISHAY-8EWS16SPBF Datasheet
155Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
VS-8EWS08S-M3 VISHAY-VS-8EWS08S-M3 Datasheet
170Kb / 7P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
Revision: 19-Jan-17
VS-8EWS12SLHM3 VISHAY-VS-8EWS12SLHM3_V01 Datasheet
154Kb / 6P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
01-Jan-2022
VS-8EWS08S-M3 VISHAY-VS-8EWS08S-M3_V01 Datasheet
134Kb / 6P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
01-Jan-2022
VS-8EWS12SHM3 VISHAY-VS-8EWS12SHM3 Datasheet
153Kb / 6P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
Revision: 25-Sep-2019
logo
International Rectifier
8EWS IRF-8EWS Datasheet
199Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
8EWS08S IRF-8EWS08S Datasheet
202Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
20ETS IRF-20ETS Datasheet
256Kb / 6P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
logo
Vishay Siliconix
VS-8EWS16SLHM3 VISHAY-VS-8EWS16SLHM3 Datasheet
120Kb / 5P
   High Voltage Surface Mount Input Rectifier Diode, 8 A
Revision: 22-Feb-18
VS-8EWS12SLHM3 VISHAY-VS-8EWS12SLHM3 Datasheet
123Kb / 5P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
Revision: 22-Feb-18
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com