Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8EWS08STRL Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 8EWS08STRL
Description  Surface Mountable Input Rectifier Diode, 8 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8EWS08STRL Datasheet(HTML) 5 Page - Vishay Siliconix

  8EWS08STRL Datasheet HTML 1Page - Vishay Siliconix 8EWS08STRL Datasheet HTML 2Page - Vishay Siliconix 8EWS08STRL Datasheet HTML 3Page - Vishay Siliconix 8EWS08STRL Datasheet HTML 4Page - Vishay Siliconix 8EWS08STRL Datasheet HTML 5Page - Vishay Siliconix 8EWS08STRL Datasheet HTML 6Page - Vishay Siliconix 8EWS08STRL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94349
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 01-Jul-09
5
8EWS..SPbF High Voltage Series
Surface Mountable
Input Rectifier Diode, 8 A
Vishay High Power Products
ORDERING INFORMATION TABLE
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95016
Part marking information
www.vishay.com/doc?95059
Packaging information
www.vishay.com/doc?95033
1
-
Current rating (8 = 8 A)
5
-
Voltage ratings
2
-
Circuit configuration:
E = Single diode
3
-
Package:
W = D-PAK
4
-
Type of silicon:
S = Standard recovery rectifier
08 = 800 V
12 = 1200 V
6
-
S = Surface mountable
7
-
TR = Tape and reel
TRR = Tape and reel (right oriented)
TRL = Tape and reel (left oriented)
-
PbF = Lead (Pb)-free
8
Device code
5
13
24
67
8
8
E
W
S
12
S
TR
PbF


Similar Part No. - 8EWS08STRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWS08STRL IRF-8EWS08STRL Datasheet
199Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
8EWS08STRL IRF-8EWS08STRL Datasheet
213Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
8EWS08STRLPBF IRF-8EWS08STRLPBF Datasheet
213Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
More results

Similar Description - 8EWS08STRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8EWS16SPBF VISHAY-8EWS16SPBF Datasheet
155Kb / 7P
   Surface Mountable Input Rectifier Diode, 8 A
Revision: 01-Jul-09
VS-8EWS08S-M3 VISHAY-VS-8EWS08S-M3 Datasheet
170Kb / 7P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
Revision: 19-Jan-17
VS-8EWS12SLHM3 VISHAY-VS-8EWS12SLHM3_V01 Datasheet
154Kb / 6P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
01-Jan-2022
VS-8EWS08S-M3 VISHAY-VS-8EWS08S-M3_V01 Datasheet
134Kb / 6P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
01-Jan-2022
VS-8EWS12SHM3 VISHAY-VS-8EWS12SHM3 Datasheet
153Kb / 6P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
Revision: 25-Sep-2019
logo
International Rectifier
8EWS IRF-8EWS Datasheet
199Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
8EWS08S IRF-8EWS08S Datasheet
202Kb / 7P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
20ETS IRF-20ETS Datasheet
256Kb / 6P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
logo
Vishay Siliconix
VS-8EWS16SLHM3 VISHAY-VS-8EWS16SLHM3 Datasheet
120Kb / 5P
   High Voltage Surface Mount Input Rectifier Diode, 8 A
Revision: 22-Feb-18
VS-8EWS12SLHM3 VISHAY-VS-8EWS12SLHM3 Datasheet
123Kb / 5P
   High Voltage Surface Mountable Input Rectifier Diode, 8 A
Revision: 22-Feb-18
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com