Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8ETX06-1TRLPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 8ETX06-1TRLPBF
Description  Hyperfast Rectifier, 8 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8ETX06-1TRLPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  8ETX06-1TRLPBF Datasheet HTML 1Page - Vishay Siliconix 8ETX06-1TRLPBF Datasheet HTML 2Page - Vishay Siliconix 8ETX06-1TRLPBF Datasheet HTML 3Page - Vishay Siliconix 8ETX06-1TRLPBF Datasheet HTML 4Page - Vishay Siliconix 8ETX06-1TRLPBF Datasheet HTML 5Page - Vishay Siliconix 8ETX06-1TRLPBF Datasheet HTML 6Page - Vishay Siliconix 8ETX06-1TRLPBF Datasheet HTML 7Page - Vishay Siliconix 8ETX06-1TRLPBF Datasheet HTML 8Page - Vishay Siliconix 8ETX06-1TRLPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94033
6
Revision: 11-Mar-10
VS-8ETX06SPbF, VS-8ETX06-1PbF
Vishay High Power Products
Hyperfast Rectifier,
8 A FRED Pt®
ORDERING INFORMATION TABLE
2
-
Current rating (8 A)
3
-
E = Single diode
4
-
T = TO-220, D2PAK
5
-
X = Hyperfast rectifier
6
-
Voltage rating (06 = 600 V)
-
PbF = Lead (Pb)-free
7
-
S = D2PAK
-1 = TO-262
8
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented, for D2PAK package)
TRR = Tape and reel (right oriented, for D2PAK package)
9
Device code
5
1
3
24
67
8
9
VS-
8
E
T
X
06
S
TRL PbF
1
-
HPP product suffix
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95014
Part marking information
www.vishay.com/doc?95008
Packaging information
www.vishay.com/doc?95032
SPICE model
www.vishay.com/doc?95393


Similar Part No. - 8ETX06-1TRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETX06-1TRLPBF VISHAY-8ETX06-1TRLPBF Datasheet
127Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 21-May-08
logo
International Rectifier
8ETX06-1TRLPBF IRF-8ETX06-1TRLPBF Datasheet
1Mb / 10P
   Hyperfast Rectifier
More results

Similar Description - 8ETX06-1TRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8ETX06SPBF VISHAY-VS-8ETX06SPBF Datasheet
170Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
8ETH06PBF VISHAY-8ETH06PBF_11 Datasheet
185Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8ETH06SPBF VISHAY-8ETH06SPBF_10 Datasheet
178Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
8ETH03PBF VISHAY-8ETH03PBF_11 Datasheet
153Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8STH06FP VISHAY-8STH06FP_10 Datasheet
124Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 19-Aug-10
8ETX06PBF VISHAY-8ETX06PBF_11 Datasheet
187Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8S2TH06FP VISHAY-8S2TH06FP_10 Datasheet
131Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 19-Aug-10
VS-8ETH03SPBF VISHAY-VS-8ETH03SPBF Datasheet
172Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 09-Jul-15
VS-8ETH06HN3 VISHAY-VS-8ETH06HN3 Datasheet
156Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
VS-8EWH06FN-M3 VISHAY-VS-8EWH06FN-M3 Datasheet
161Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 05-Oct-16
VS-8E2TH06-E VISHAY-VS-8E2TH06-E Datasheet
175Kb / 10P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 18-Aug-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com