Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8ETX06SPBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 8ETX06SPBF
Description  Hyperfast Rectifier, 8 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8ETX06SPBF Datasheet(HTML) 7 Page - Vishay Siliconix

  8ETX06SPBF_10 Datasheet HTML 1Page - Vishay Siliconix 8ETX06SPBF_10 Datasheet HTML 2Page - Vishay Siliconix 8ETX06SPBF_10 Datasheet HTML 3Page - Vishay Siliconix 8ETX06SPBF_10 Datasheet HTML 4Page - Vishay Siliconix 8ETX06SPBF_10 Datasheet HTML 5Page - Vishay Siliconix 8ETX06SPBF_10 Datasheet HTML 6Page - Vishay Siliconix 8ETX06SPBF_10 Datasheet HTML 7Page - Vishay Siliconix 8ETX06SPBF_10 Datasheet HTML 8Page - Vishay Siliconix 8ETX06SPBF_10 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 95014
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 31-Mar-09
For technical questions concerning module products, contact: ind-modules@vishay.com
1
D2PAK, TO-262
Outline Dimensions
Vishay High Power Products
DIMENSIONS FOR D2PAK in millimeters and inches
Notes
(1) Dimensioning and tolerancing per ASME Y14.5 M-1994
(2) Dimension D and E do not include mold flash. Mold flash shall not
exceed 0.127 mm (0.005") per side. These dimensions are
measured at the outmost extremes of the plastic body
(3) Thermal pad contour optional within dimension E, L1, D1 and E1
(4) Dimension b1 and c1 apply to base metal only
(5) Datum A and B to be determined at datum plane H
(6) Controlling dimension: inch
(7) Outline conforms to JEDEC outline TO-263AB
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
D1
6.86
8.00
0.270
0.315
3
A1
0.00
0.254
0.000
0.010
E
9.65
10.67
0.380
0.420
2, 3
b
0.51
0.99
0.020
0.039
E1
7.90
8.80
0.311
0.346
3
b1
0.51
0.89
0.020
0.035
4
e
2.54 BSC
0.100 BSC
b2
1.14
1.78
0.045
0.070
H
14.61
15.88
0.575
0.625
b3
1.14
1.73
0.045
0.068
4
L
1.78
2.79
0.070
0.110
c
0.38
0.74
0.015
0.029
L1
-
1.65
-
0.066
3
c1
0.38
0.58
0.015
0.023
4
L2
1.27
1.78
0.050
0.070
c2
1.14
1.65
0.045
0.065
L3
0.25 BSC
0.010 BSC
D
8.51
9.65
0.335
0.380
2
L4
4.78
5.28
0.188
0.208
c
B
Detail A
c2
A
A
A
± 0.004
B
M
A
Lead tip
(3)
(3)
View A - A
(E)
(D1)
E1
B
H
A1
Detail “A”
Rotated 90 °CW
Scale: 8:1
L
Gauge
plane
0° to 8°
L3
L4
Seating
plane
Section B - B and C - C
Scale: None
(4)
(4)
(b, b2)
b1, b3
(c)
c1
Base
Metal
Plating
Conforms to JEDEC outline D2PAK (SMD-220)
13
2
D
C
A
L2
E
(2)(3)
(2)
4
H
BB
2 x b
2 x b2
L1
0.010
A
B
MM
(3)
e
2 x
Pad layout
MIN.
11.00
(0.43)
MIN.
9.65
(0.38)
MIN.
3.81
(0.15)
MIN.
2.32
(0.08)
17.90 (0.70)
15.00 (0.625)
2.64 (0.103)
2.41 (0.096)
Lead assignments
Diodes
1. - Anode (two die)/open (one die)
2., 4. - Cathode
3. - Anode


Similar Part No. - 8ETX06SPBF_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETX06SPBF VISHAY-8ETX06SPBF Datasheet
127Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 21-May-08
More results

Similar Description - 8ETX06SPBF_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8ETX06SPBF VISHAY-VS-8ETX06SPBF Datasheet
170Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
8ETH06PBF VISHAY-8ETH06PBF_11 Datasheet
185Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8ETH06SPBF VISHAY-8ETH06SPBF_10 Datasheet
178Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
8ETH03PBF VISHAY-8ETH03PBF_11 Datasheet
153Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8STH06FP VISHAY-8STH06FP_10 Datasheet
124Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 19-Aug-10
8ETX06PBF VISHAY-8ETX06PBF_11 Datasheet
187Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8S2TH06FP VISHAY-8S2TH06FP_10 Datasheet
131Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 19-Aug-10
VS-8ETH03SPBF VISHAY-VS-8ETH03SPBF Datasheet
172Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 09-Jul-15
VS-8ETH06HN3 VISHAY-VS-8ETH06HN3 Datasheet
156Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
VS-8EWH06FN-M3 VISHAY-VS-8EWH06FN-M3 Datasheet
161Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 05-Oct-16
VS-8E2TH06-E VISHAY-VS-8E2TH06-E Datasheet
175Kb / 10P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 18-Aug-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com