Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8ETL06-1TRLPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 8ETL06-1TRLPBF
Description  Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8ETL06-1TRLPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  8ETL06-1TRLPBF Datasheet HTML 1Page - Vishay Siliconix 8ETL06-1TRLPBF Datasheet HTML 2Page - Vishay Siliconix 8ETL06-1TRLPBF Datasheet HTML 3Page - Vishay Siliconix 8ETL06-1TRLPBF Datasheet HTML 4Page - Vishay Siliconix 8ETL06-1TRLPBF Datasheet HTML 5Page - Vishay Siliconix 8ETL06-1TRLPBF Datasheet HTML 6Page - Vishay Siliconix 8ETL06-1TRLPBF Datasheet HTML 7Page - Vishay Siliconix 8ETL06-1TRLPBF Datasheet HTML 8Page - Vishay Siliconix 8ETL06-1TRLPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94029
2
Revision: 11-Mar-10
VS-8ETL06SPbF, VS-8ETL06-1PbF
Vishay High Power Products
Ultralow VF Hyperfast Rectifier for
Discontinuous Mode PFC, 8 A FRED Pt®
DYNAMIC RECOVERY CHARACTERISTICS (TC = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1 A, dIF/dt = 100 A/μs, VR = 30 V
-
60
100
ns
IF = 8 A, dIF/dt = 100 A/μs, VR = 30 V
-
150
250
TJ = 25 °C
IF = 8 A
dIF/dt = 200 A/μs
VR = 390 V
-
170
-
TJ = 125 °C
-
250
-
Peak recovery current
IRRM
TJ = 25 °C
-
15
-
A
TJ = 125 °C
-
20
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
1.3
-
μC
TJ = 125 °C
-
2.6
-
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 65
-
175
°C
Thermal resistance,
junction to case per leg
RthJC
-1.4
2
°C/W
Thermal resistance,
junction to ambient per leg
RthJA
Typical socket mount
-
-
70
Thermal resistance,
case to heatsink
RthCS
Mounting surface, flat, smooth and
greased
-0.5
-
Weight
-2.0
-
g
-0.07
-
oz.
Mounting torque
6.0
(5.0)
-
12
(10)
kgf · cm
(lbf · in)
Marking device
Case style D2PAK
8ETL06S
Case style TO-262
8ETL06-1


Similar Part No. - 8ETL06-1TRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8ETL06-1TRLPBF IRF-8ETL06-1TRLPBF Datasheet
289Kb / 8P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
More results

Similar Description - 8ETL06-1TRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETL06PBF VISHAY-8ETL06PBF_11 Datasheet
189Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETL06PBF VISHAY-VS-8ETL06PBF Datasheet
199Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 02-Jan-12
8ETL06PBF VISHAY-8ETL06PBF_12 Datasheet
196Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt®
Revision: 02-Jan-12
15ETL06PBF VISHAY-15ETL06PBF_11 Datasheet
184Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 31-Mar-11
15ETL06SPBF VISHAY-15ETL06SPBF_10 Datasheet
711Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 23-Jun-10
VS-15ETL06HN3 VISHAY-VS-15ETL06HN3 Datasheet
167Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 20-Oct-16
15ETL06PBF VISHAY-15ETL06PBF_12 Datasheet
190Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Revision: 02-Jan-12
VS-15ETL06PBF VISHAY-VS-15ETL06PBF Datasheet
196Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Revision: 02-Jan-12
VS-8ETL06SHM3 VISHAY-VS-8ETL06SHM3 Datasheet
163Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, FRED
Revision: 04-Apr-18
8ETL06PBF VISHAY-8ETL06PBF Datasheet
123Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
Revision: 08-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com