Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D5S6 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D5S6
Description  Schottky Rectifiers (SBD) (60V 5A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D5S6 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D5S6 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D5S6 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D5S6 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D5S6 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D5S6 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D5S6 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D5S6 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd D5S6 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd D5S6 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
D5S6M
60V 5A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit : mm
SHINDENGEN
Case : ITO-220
RATINGS
Tj150℃
PRRSM avalanche guaranteed
Fully Isolated Molding
FEATURES
APPLICATION
Switching power supply
DC/DC converter
Home Appliances, Office Equipment
Telecommunication
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
Operating Junction Temperature
Tj
150
Maximum Reverse Voltage
VRM
60
V
Repetitive Peak Surge Reverse Voltage
VRRSM
Pulse width 0.5ms, duty1/40
65
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Tc=130℃
5
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=125℃
100
A
Repetitive Peak Surge Reverse Power
PRRSM
Pulse width 10μs, Tj= 25℃
330
W
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
1.5
kV
Mounting Torque
TOR
(Recommended torque:
0.3N・m)
0.5
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=5A,
Pulse measurement
Max.0.58
V
Reverse Current
IR
VR=VRM,
Pulse measurement
Max. 4.5
mA
Junction Capacitance
Cj
f=1MHz, VR=10V
Typ.260
pF
Thermal Resistance
θjc
junction to case
Max.4.5
℃/W
θcf
case to heatsink
Max.1.5
Single
Schottky Rectifiers (SBD)


Similar Part No. - D5S6

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D5S4M SHINDENGEN-D5S4M Datasheet
626Kb / 10P
   Schottky Rectifiers (SBD) (40V 5A)
D5S9 SHINDENGEN-D5S9 Datasheet
603Kb / 11P
   Schottky Rectifiers (SBD) (90V 5A)
D5S9M SHINDENGEN-D5S9M Datasheet
603Kb / 11P
   Schottky Rectifiers (SBD) (90V 5A)
logo
Rugao Dachang Electroni...
D5SB05 DACHANG-D5SB05 Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 800V Forward Current 6A
D5SB05 DACHANG-D5SB05 Datasheet
135Kb / 2P
   Single-phase Silicon Bridge Rectifier
More results

Similar Description - D5S6

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DE5S6M SHINDENGEN-DE5S6M Datasheet
744Kb / 12P
   Schottky Rectifiers (SBD) (60V 5A)
DE5SC6M SHINDENGEN-DE5SC6M Datasheet
596Kb / 11P
   Schottky Rectifiers (SBD) (60V 5A)
SF5S6 SHINDENGEN-SF5S6 Datasheet
623Kb / 10P
   Schottky Rectifiers (SBD) (60V 5A)
D5S9M SHINDENGEN-D5S9M Datasheet
603Kb / 11P
   Schottky Rectifiers (SBD) (90V 5A)
DE5PC3 SHINDENGEN-DE5PC3 Datasheet
541Kb / 8P
   Schottky Rectifiers (SBD) (30V 5A)
S5S4M SHINDENGEN-S5S4M Datasheet
602Kb / 10P
   Schottky Rectifiers (SBD) (40V 5A)
SF5SC4 SHINDENGEN-SF5SC4 Datasheet
542Kb / 10P
   Schottky Rectifiers (SBD) (40V 5A)
SF5SC3L SHINDENGEN-SF5SC3L Datasheet
629Kb / 10P
   Schottky Rectifiers (SBD) (30V 5A)
D5SC4MR SHINDENGEN-D5SC4MR Datasheet
593Kb / 11P
   Schottky Rectifiers (SBD) (40V 5A)
SF5S4 SHINDENGEN-SF5S4 Datasheet
613Kb / 10P
   Schottky Rectifiers (SBD) (40V 5A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com