Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8ETX06PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 8ETX06PBF
Description  Hyperfast Rectifier, 8 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8ETX06PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  8ETX06PBF_11 Datasheet HTML 1Page - Vishay Siliconix 8ETX06PBF_11 Datasheet HTML 2Page - Vishay Siliconix 8ETX06PBF_11 Datasheet HTML 3Page - Vishay Siliconix 8ETX06PBF_11 Datasheet HTML 4Page - Vishay Siliconix 8ETX06PBF_11 Datasheet HTML 5Page - Vishay Siliconix 8ETX06PBF_11 Datasheet HTML 6Page - Vishay Siliconix 8ETX06PBF_11 Datasheet HTML 7Page - Vishay Siliconix 8ETX06PBF_11 Datasheet HTML 8Page - Vishay Siliconix 8ETX06PBF_11 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94032
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 28-Apr-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-8ETX06PbF, VS-8ETX06FPPbF
Vishay Semiconductors
Hyperfast Rectifier, 8 A FRED Pt®
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
DYNAMIC RECOVERY CHARACTERISTICS (TC = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1 A, dIF/dt = 100 A/μs, VR = 30 V
-
15
19
ns
IF = 8 A, dIF/dt = 100 A/μs, VR = 30 V
-
16
24
TJ = 25 °C
IF = 8 A
dIF/dt = 200 A/μs
VR = 390 V
-17
-
TJ = 125 °C
-
40
-
Peak recovery current
IRRM
TJ = 25 °C
-
2.3
-
A
TJ = 125 °C
-
4.5
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
20
-
nC
TJ = 125 °C
-
100
-
Reverse recovery time
trr
TJ = 125 °C
IF = 8 A
dIF/dt = 600 A/μs
VR = 390 V
-31
-
ns
Peak recovery current
IRRM
-12
-
A
Reverse recovery charge
Qrr
-
195
-
nC
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDTIONS
MIN.
TYP.
MAX.
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 65
-
175
°C
Thermal resistance,
junction to case
RthJC
-1.4
2
°C/W
(FULL-PAK)
-
3.4
4.3
Thermal resistance,
junction to ambient per leg
RthJA
Typical socket mount
-
-
70
Thermal resistance,
case to heatsink
RthCS
Mounting surface, flat, smooth and greased
-
0.5
-
Weight
-2.0
-
g
-0.07
-
oz.
Mounting torque
6.0
(5.0)
-
12
(10)
kgf · cm
(lbf · in)
Marking device
Case style TO-220AC
8ETX06
Case style TO-220 FULL-PAK
8ETX06FP
1
10
T
J = 175 °C
T
J = 150 °C
T
J = 25 °C
100
0
0.5
2.5
1.5
1.0
3.0
3.5
4.0
2.0
VF - Forward Voltage Drop (V)
4.5
0.1
0.001
0.01
0.1
1
10
100
1000
0
100
200
300
400
500
600
0.0001
VR - Reverse Voltage (V)
T
J = 175 °C
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C


Similar Part No. - 8ETX06PBF_11

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8ETX06PBF IRF-8ETX06PBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
8ETX06PBF VISHAY-8ETX06PBF Datasheet
117Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Aug-08
More results

Similar Description - 8ETX06PBF_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8ETX06SPBF VISHAY-VS-8ETX06SPBF Datasheet
170Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
8ETH06PBF VISHAY-8ETH06PBF_11 Datasheet
185Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8ETH06SPBF VISHAY-8ETH06SPBF_10 Datasheet
178Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
8ETH03PBF VISHAY-8ETH03PBF_11 Datasheet
153Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8STH06FP VISHAY-8STH06FP_10 Datasheet
124Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 19-Aug-10
8S2TH06FP VISHAY-8S2TH06FP_10 Datasheet
131Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 19-Aug-10
VS-8ETH03SPBF VISHAY-VS-8ETH03SPBF Datasheet
172Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 09-Jul-15
VS-8ETH06HN3 VISHAY-VS-8ETH06HN3 Datasheet
156Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
VS-8EWH06FN-M3 VISHAY-VS-8EWH06FN-M3 Datasheet
161Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 05-Oct-16
VS-8E2TH06-E VISHAY-VS-8E2TH06-E Datasheet
175Kb / 10P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 18-Aug-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com