Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KA15A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1.5KA15A
Description  PAR Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1.5KA15A Datasheet(HTML) 1 Page - Vishay Siliconix

  1.5KA15A Datasheet HTML 1Page - Vishay Siliconix 1.5KA15A Datasheet HTML 2Page - Vishay Siliconix 1.5KA15A Datasheet HTML 3Page - Vishay Siliconix 1.5KA15A Datasheet HTML 4Page - Vishay Siliconix 1.5KA15A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1.5KA6.8 thru 1.5KA47A
Vishay General Semiconductor
Document Number: 88300
Revision: 09-Feb-11
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
www.vishay.com
1
PAR® Transient Voltage Suppressors
High Temperature Stability and High Reliability Conditions
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICs, MOSFET, signal lines of sensor units
for consumer, computer, industrial, automotive and
telecommunication.
FEATURES
• Junction passivation optimized
design
passivated anisotropic rectifier technology
•TJ = 185 °C capability suitable for high
reliability and automotive requirement
• Available in uni-directional polarity only
• 1500 W peak pulse power capability with a
10/1000 µs waveform
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case: Molded epoxy body over passivated junction
Molding compound meets UL 94 V-0 flammability
rating
Base P/NHE3 - RoHS compliant, AEC-Q101 qualified
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
HE3 suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
Notes
(1) Non-repetitive current pulse, per fig. 3 and derated above T
A = 25 °C per fig. 2
(2) 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
PRIMARY CHARACTERISTICS
VBR
6.8 V to 47 V
PPPM
1500 W
PD
6.5 W
IFSM
200 A
TJ max.
185 °C
Case Style 1.5KA
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Peak pulse power dissipation with a 10/1000 µs waveform (1) (fig. 1)
PPPM
1500
W
Peak pulse current at TA = 25 °C with a 10/1000 µs waveform
(1) (fig. 3)
IPPM
See next table
A
Power dissipation on infinite heatsink at TL = 75 °C (fig. 5)
PD
6.5
W
Peak forward surge current 8.3 ms single half sine-wave (2)
IFSM
200
A
Maximum instantaneous forward voltage at 100 A (2)
VF
3.5
V
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 185
°C


Similar Part No. - 1.5KA15A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KA15A VISHAY-1.5KA15A Datasheet
39Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
1.5KA15A VISHAY-1.5KA15A Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
logo
General Semiconductor
1.5KA15A GE-1.5KA15A Datasheet
56Kb / 4P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KA15A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KA6.8 VISHAY-P6KA6.8_11 Datasheet
86Kb / 5P
   PAR Transient Voltage Suppressors
Revision: 09-Feb-11
6KA24 VISHAY-6KA24_11 Datasheet
75Kb / 4P
   PAR Transient Voltage Suppressors
Revision: 08-Feb-11
P4KA6.8 VISHAY-P4KA6.8_11 Datasheet
86Kb / 5P
   PAR Transient Voltage Suppressors
Revision: 09-Feb-11
TMPG06-43A VISHAY-TMPG06-43A_V01 Datasheet
81Kb / 5P
   PAR® Transient Voltage Suppressors
01-Jan-2022
SM8S40AHE3 VISHAY-SM8S40AHE3 Datasheet
94Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Sep-12
5KASMC10A VISHAY-5KASMC10A_18 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Jan-18
TPSMA6.8A VISHAY-TPSMA6.8A_17 Datasheet
84Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 11-Jul-17
SM5S10 VISHAY-SM5S10_11 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM8S24AHE3 VISHAY-SM8S24AHE3 Datasheet
98Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 14-Sep-11
SM6A27 VISHAY-SM6A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com