Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMLDL-3030Z Datasheet(PDF) 1 Page - AIMTEC

Part # AMLDL-3030Z
Description  Up to 1000mA | LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDL-3030Z Datasheet(HTML) 1 Page - AIMTEC

  AMLDL-3030Z Datasheet HTML 1Page - AIMTEC AMLDL-3030Z Datasheet HTML 2Page - AIMTEC AMLDL-3030Z Datasheet HTML 3Page - AIMTEC AMLDL-3030Z Datasheet HTML 4Page - AIMTEC AMLDL-3030Z Datasheet HTML 5Page - AIMTEC AMLDL-3030Z Datasheet HTML 6Page - AIMTEC AMLDL-3030Z Datasheet HTML 7Page - AIMTEC AMLDL-3030Z Datasheet HTML 8Page - AIMTEC AMLDL-3030Z Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Series AMLDL-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R9.G
1 of 14
North America only
FEATURES:
Models
Single output
Model
Input Voltage (V)
Output Voltage (V) Output Current (mA)
Efficiency (%)
Package Type
AMLDL-3030Z
7-30
2-28
300
95
DIP14
AMLDL-3035Z
7-30
2-28
350
95
DIP14
AMLDL-3050Z
7-30
2-28
500
95
DIP16
AMLDL-3060Z
7-30
2-28
600
95
DIP16
AMLDL-3070Z
7-30
2-28
700
95
DIP16
AMLDL-30100Z
7-30
2-28
1000
95
DIP16
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
7-30
VDC
Filter
Capacitor
Absolute Maximum Rating
40
VDC
Peak Input Voltage time
500
ms
DC/DC ON (Leave open if not used)
ON –Open or 0.3V<Vadj<1.25
DC/DC OFF
OFF(shutdown) – Vadj<0.15
Maximum Remote pin drive current
Vadj = 1.25V
1
mA
Quiescent Current in Shutdown mode
Vin = 30V, Vadj <0.15
0.25
mA
On/Off Control (Digital Control)
Max PWM Frequency 1KHz
Minimum Switch ON/OFF time
200
ns
On/Off Control (Analog Dimming Control)
(Leave open if not used)
Input voltage range
0.3-1.25
VDC
Drive with DC Voltage
0.3V < VADJ<1.25V to adjust output current from 25% to 100%
Output current adjustment*
Vin-Vout<20
%
Control Voltage Range limits
ON – 0.2 – 0.3V (Vadj rise)
OFF – 0.15-0.25V (Vadj fall)
Maximum Analog pin drive current
Vadj = 1.25V
25-100
1
mA
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±6
%
Output Voltage range
V input = 30V
2-28
VDC
Output current
Vin – Vout >1.5V to 3V
300
mA
Short Circuit protection
Regulated at the rated current for each model
Output no load Protection
Continuously
Max load capacitance
47
µF
Temperature coefficient
Ta = -40 to +85°C
±0.05
%/
oC
Ripple & Noise
20MHz Bandwidth
250
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
40 - 380
KHz
Operating temperature
-40 to +85
oC
Storage temperature
-40 to +125
oC
• Step Down DC/DC LED driver
• Operating Temperature range -40ºC to +85ºC
• Constant current output
• Open and Short LED Protection
• Wide (4:1) input voltage range
• PWM/Digital and Analog Voltage dimming
• High efficiency up to 95%
• Remote ON/OFF Control


Similar Part No. - AMLDL-3030Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDL-3030Z AIMTEC-AMLDL-3030Z Datasheet
310Kb / 14P
   Up to 1000mA | LED Driver
AMLDL-3030Z AIMTEC-AMLDL-3030Z Datasheet
440Kb / 14P
   Up to 1000mA | LED Driver
More results

Similar Description - AMLDL-3030Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z_13 Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ_16 Datasheet
285Kb / 3P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z_13 Datasheet
474Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_16 Datasheet
440Kb / 14P
   Up to 1000mA | LED Driver
AMLDLW-Z AIMTEC-AMLDLW-Z Datasheet
327Kb / 11P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_13 Datasheet
434Kb / 14P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ Datasheet
278Kb / 3P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com