Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM9938F Datasheet(PDF) 9 Page - Touchstone Semiconductor Inc

Part # TSM9938F
Description  A 1uA, SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM9938F Datasheet(HTML) 9 Page - Touchstone Semiconductor Inc

Back Button TSM9938F Datasheet HTML 3Page - Touchstone Semiconductor Inc TSM9938F Datasheet HTML 4Page - Touchstone Semiconductor Inc TSM9938F Datasheet HTML 5Page - Touchstone Semiconductor Inc TSM9938F Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM9938F Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM9938F Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM9938F Datasheet HTML 9Page - Touchstone Semiconductor Inc TSM9938F Datasheet HTML 10Page - Touchstone Semiconductor Inc TSM9938F Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TSM9938
TSM9938DS r1p0
Page 9
RTFDS
previously mentioned with large values of RSENSE.
4) Circuit Efficiency and Power Dissipation
IR losses in RSENSE can be large especially at high
load currents. It is important to select the smallest,
usable RSENSE value to minimize power dissipation
and to keep the physical size of RSENSE small. If
the external RSENSE is allowed to dissipate
significant power, then its inherent temperature
coefficient may alter its design center value, thereby
reducing load current measurement accuracy.
Precisely because the TSM9938’s input stage was
designed to exhibit a very low input offset voltage,
small RSENSE values can be used to reduce power
dissipation and minimize local hot spots on the pcb.
5) RSENSE Kelvin Connections
For optimal VSENSE accuracy in the presence of large
load currents, parasitic pcb track resistance should
be minimized. Kelvin-sense pcb connections
between RSENSE and the TSM9938’s RS+ and RS-
terminals are strongly recommended. The drawing in
Figure 1 illustrates the connections between the
current-sense amplifier and the current-sense
resistor. The pcb layout should be balanced and
symmetrical to minimize wiring-induced errors. In
addition, the pcb layout for RSENSE should include
good thermal management techniques for optimal
RSENSE power dissipation.
Optional Output Filter Capacitor
If the TSM9938 is part of a signal acquisition system
where its OUT terminal is connected to the input of
an ADC with an internal, switched-capacitor track-
and-hold circuit, the internal track-and-
hold’s
sampling capacitor can cause voltage droop at VOUT.
A 22nF to 100nF good-quality ceramic capacitor
from the OUT terminal to GND should be used to
minimize voltage droop (holding VOUT constant
during the sample interval. Using a capacitor on the
OUT terminal will also reduce the TSM9938’s small-
signal bandwidth as well as band-limiting amplifier
noise.
Using the TSM9938 in Bidirectional Load Current
Applications
In many battery-powered systems, it is oftentimes
necessary to monitor a battery’s discharge and
charge currents. To perform this function, a
bidirectional current-sense amplifier is required. The
circuit illustrated in Figure 2 shows how two
TSM9938s can be configured as a bidirectional
current-sense amplifier. As shown in the figure, the
Figure 1: Making PCB Connections to the Sense
Resistor (drawing is not to scale).
Figure 2: Using Two TSM9938s for Bidirectional Load Current Detection


Similar Part No. - TSM9938F

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
TSM9938FEUKT SILABS-TSM9938FEUKT Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
More results

Similar Description - TSM9938F

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com