Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1100-50 Datasheet(PDF) 9 Page - Touchstone Semiconductor Inc

Part # TS1100-50
Description  A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1100-50 Datasheet(HTML) 9 Page - Touchstone Semiconductor Inc

Back Button TS1100-50 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1100-50 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1100-50 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1100-50 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1100-50 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1100-50 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1100-50 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1100-50 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1100-50 Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TS1100
TS1100DS r1p0
Page 9
RTFDS
An expression for the TS1100
’s total output voltage
(+ error) is given by:
VOUT = [GAIN x (1 ± GE) x VSENSE] ± (GAIN x VOS)
A large value for RSENSE permits the use of smaller
load currents to be measured more accurately
because the effects of offset voltages are less
significant
when
compared
to
larger
VSENSE
voltages. Due care though should be exercised as
previously mentioned with large values of RSENSE.
4) Circuit Efficiency and Power Dissipation
IR losses in RSENSE can be large especially at high
load currents. It is important to select the smallest,
usable RSENSE value to minimize power dissipation
and to keep the physical size of RSENSE small. If
the external RSENSE is allowed to dissipate
significant power, then its inherent temperature
coefficient may alter its design center value, thereby
reducing
load
current
measurement
accuracy.
Precisely because the TS1100
’s input stage was
designed to exhibit a very low input offset voltage,
small RSENSE values can be used to reduce power
dissipation and minimize local hot spots on the pcb.
5) RSENSE Kelvin Connections
For optimal VSENSE accuracy in the presence of large
load currents, parasitic pcb track resistance should
be
minimized.
Kelvin-sense
pcb
connections
between RSENSE and the TS1100
’s RS+ and RS-
terminals are strongly recommended. The drawing in
Figure 1 illustrates the connections between the
current-sense
amplifier
and
the
current-sense
resistor. The pcb layout should be balanced and
symmetrical to minimize wiring-induced errors. In
addition, the pcb layout for RSENSE should include
good thermal management techniques for optimal
RSENSE power dissipation.
6) RSENSE Composition
Current-shunt resistors are made available in metal
film, metal strip, and wire-wound constructions.
Wire-wound current-shunt resistors are constructed
with wire spirally wound onto a core. As a result,
these types of current shunt resistors exhibit the
largest self inductance. In applications where the
load current contains high-frequency transients,
metal film or metal strip current sense resistors are
recommended.
Internal Noise Filter
In
power
management
and
motor
control
applications, current-sense amplifiers are required to
measure load currents accurately in the presence of
both externally-generated differential and common-
mode noise. An example of differential-mode noise
that can appear at the inputs of a current-sense
amplifier is high-frequency ripple. High-frequency
ripple
– whether injected into the circuit inductively
or capacitively - can produce a differential-mode
voltage drop across the external current-shunt
resistor
(RSENSE).
An
example
of
externally-
generated,
common-mode
noise
is
the
high-
frequency output ripple of a switching regulator that
can result in common-mode noise injection into both
inputs of a current-sense amplifier.
Even though the load current signal bandwidth is
DC, the input stage of any current-sense amplifier
can rectify unwanted, out-of-band noise that can
result in an apparent error voltage at its output. This
rectification of noise signals occurs because all
amplifier
input
stages
are
constructed
with
transistors that can behave as high-frequency signal
detectors in the same way pn-junction diodes were
used as RF envelope detectors in early radio
designs. Against common-mode injected noise, the
amplifier’s
internal common-mode
rejection
is
usually sufficient.
To counter the effects of externally-injected noise, it
has always been good engineering practice to add
external low-pass filters in series with the inputs of a
current-sense amplifier. In the design of discrete
current-sense
amplifiers,
resistors
used in
the
external low-pass filters were incorporated into the
circuit’s overall design so errors because of any
input-bias current-generated offset voltage errors
and gain errors were compensated.
With
the
advent
of
monolithic
current-sense
amplifiers, like the TS1100, the addition of external
Figure 1: Making PCB Connections to the Sense
Resistor.


Similar Part No. - TS1100-50

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1100-50-EG6 SILABS-TS1100-50-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1100-50-EG6T SILABS-TS1100-50-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1100-50EG5 SILABS-TS1100-50EG5 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Similar Description - TS1100-50

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com