Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMLDV-4860-NZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMLDV-4860-NZ
Description  Up to 700mA | LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDV-4860-NZ Datasheet(HTML) 1 Page - AIMTEC

  AMLDV-4860-NZ Datasheet HTML 1Page - AIMTEC AMLDV-4860-NZ Datasheet HTML 2Page - AIMTEC AMLDV-4860-NZ Datasheet HTML 3Page - AIMTEC AMLDV-4860-NZ Datasheet HTML 4Page - AIMTEC AMLDV-4860-NZ Datasheet HTML 5Page - AIMTEC AMLDV-4860-NZ Datasheet HTML 6Page - AIMTEC AMLDV-4860-NZ Datasheet HTML 7Page - AIMTEC AMLDV-4860-NZ Datasheet HTML 8Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Series AMLDV-NZ
Up to 700mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
1 of 8
North America only
FEATURES:
Models
Single output
Model
Input Voltage (V)
Output Voltage (V)
Output Current (mA)
Efficiency Max (%)
AMLDV-4830-NZ
5.5-48
3.3-36
300
96
AMLDV-4835-NZ
5.5-48
3.3-36
350
96
AMLDV-4850-NZ
5.5-48
3.3-36
500
96
AMLDV-4860-NZ
5.5-48
3.3-36
600
96
AMLDV-4870-NZ
5.5-48
3.3-36
700
96
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
5.5-48
VDC
Absolute Maximum Rating(≤10sec)
5-55
VDC
On/Off Control (Analog Control)
(Leave open if not used)
ON: Open or 2.8V> V <6V
OFF: V <0.6V
Remote pin current
V=5V
1
mA
Quiescent input current in
Shutdown mode
Vin=24V, V<0.6V
400
µA
Dimming Control (Digital Control)
Max PWM Frequency: 200Hz
Dimming Control (Analog Control)
(Leave open if not used)
Input Voltage Range (Vin=5.5-48V)
Output Current Range(Vin=5.5-48V)
0-15V
0-100%
Control Voltage Range(Full ON)
Control Voltage Range(Full OFF)
0.2V±50mV
4.5V±50mV
Driving Current(V=5V)
0.2mA(max)
Input Filter
Capacitor
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±2
±3
%
Short Circuit protection
Continuous, Automatic Recovery
Efficiency
At full load
96
%
Max load capacitance
1000
µF
Ripple & Noise
20MHz Bandwidth
120
mV p-p
Temperature coefficient
-40
oC to+71 oC
±0.015
%/oC
Output Current Stability
Vin=48V, Vo=3.3~36V
±1
%
Internal Power Dissipation
Vin=24V,5LEDS
700
mW
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
370
320-420
KHz
Operating temperature
300mA,350mA
-40 to +85
oC
500mA,600mA,700mA
-40 to+71
oC
Storage temperature
-55 to +125
oC
Max Case temperature
100
oC
Cooling
Free Air Convection
Humidity
95
% RH
• High Power LED Driver
Constant Current Output mode
• Ultra Wide Input Voltage Range
High Efficiency (Up to 96%)
• Remote ON/OFF Function
PWM & Analogue Dimming Function
• SMD Package
Operating Temperature range -40ºC - +85ºC


Similar Part No. - AMLDV-4860-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDV-NZ AIMTEC-AMLDV-NZ_13 Datasheet
443Kb / 8P
   Up to 700mA | LED Driver
More results

Similar Description - AMLDV-4860-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDL-RZ AIMTEC-AMLDL-RZ Datasheet
1Mb / 17P
   Up to 700mA | LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ_13 Datasheet
443Kb / 8P
   Up to 700mA | LED Driver
AMLB-Z AIMTEC-AMLB-Z_13 Datasheet
418Kb / 7P
   Up to 700mA | Step Up LED Driver
AMLBW-Z AIMTEC-AMLBW-Z Datasheet
307Kb / 8P
   Up to 700mA | Step Up LED Driver
AMLBW-Z AIMTEC-AMLBW-Z_16 Datasheet
209Kb / 8P
   Up to 700mA | Step Up LED Driver
AMLB-Z AIMTEC-AMLB-Z Datasheet
395Kb / 7P
   Up to 700mA | Step Up LED Driver
AMER4-1230KZ AIMTEC-AMER4-1230KZ Datasheet
176Kb / 2P
   up to 700mA | AC-DC LED driver
AMEPR30N-Z AIMTEC-AMEPR30N-Z Datasheet
669Kb / 7P
   up to 700mA | AC-DC LED driver
AMEPR8-2435KZ AIMTEC-AMEPR8-2435KZ Datasheet
503Kb / 2P
   up to 700mA | AC-DC LED driver
AMEPR30NC-Z AIMTEC-AMEPR30NC-Z Datasheet
869Kb / 8P
   up to 700mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com