Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

804-R010-330 Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  804-R010-330 Datasheet HTML 1Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 2Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 3Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 4Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 5Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 6Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 7Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 8Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
1
1.0
Description
The Sentinel II is a unique, powerful level transmitter.
The leading-edge microprocessor-based circuitry has
non-volatile memory that requires no battery backup. To
simplify troubleshooting, powerful diagnostics not only
check all aspects of the system, but will actually indicate
the faulty section of the system. MagneCal™ offers the
user the greatest improvement in RF Capacitance—one
small level change (2% of span) is needed to calibrate.
1.1
Principle of Operation
The amount of capacitance developed in any vessel is
determined by the size (surface area) of the probe, the
distance from the probe to its ground reference, and the
dielectric constant of the medium being measured.
Assuming that the probe's mounting position and the
dielectric of the medium are fixed, the amount of capaci-
tance developed in any vessel becomes dependent upon
the probe's diameter and length. Adjusting the combina-
tion of the probe's diameter and length (and its proximity
to a ground reference) can generate the necessary capaci-
tance required by the electronic circuitry.
As the media rises and falls in the tank, the amount of
capacitance developed between the probe and the ground
reference also rises and falls. The capacitance-controlled
oscillator circuit mounted on the probe changes the
capacitance signal to a a digital wave form—proportional
to the change in level. The Series 804 amplifier then
converts this digital pulse signal into an isolated 4–20 mA
analog output signal.
1.2
Unpacking
Unpack the instrument carefully making sure all compo-
nents have been removed from the packing material.
Inspect all components for damage and report any con-
cealed damage to the carrier within 24 hours.
Check the contents of the carton making sure it agrees
with the packing slip and the purchase order. Verify that
the model number imprinted on the nameplate matches
the number on the packing slip and the purchase order.
Report any discrepancies to the factory. Check and record
the serial number for future reference when ordering parts.


Similar Part No. - 804-R010-330

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
804-R010-230 MAGNETROL-804-R010-230 Datasheet
162Kb / 8P
   Kotron짰 Sentinel Model 804 RF Level Transmitter
More results

Similar Description - 804-R010-330

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
804-R010-230 MAGNETROL-804-R010-230 Datasheet
162Kb / 8P
   Kotron짰 Sentinel Model 804 RF Level Transmitter
805-501A-110 MAGNETROL-805-501A-110 Datasheet
196Kb / 4P
   Kotron짰 Model 805 Smart RF Level Transmitter
082-803-400 MAGNETROL-082-803-400 Datasheet
121Kb / 6P
   Kotron짰 Model 82 CE RF Level Transmitter
805-501A-111 MAGNETROL-805-501A-111 Datasheet
757Kb / 36P
   KOTRON짰 MODEL 805 SMART RF LEVEL TRANSMITTER
801-2031-A40 MAGNETROL-801-2031-A40 Datasheet
192Kb / 8P
   Kotron짰 Model 801 RF Capacitance Transmitter for Level/Flow/Volume
811-1005-E01 MAGNETROL-811-1005-E01 Datasheet
769Kb / 28P
   Kotron짰 Model 811 RF Point Level Sensor
810-0005-D01 MAGNETROL-810-0005-D01 Datasheet
257Kb / 16P
   Kotron짰 Model 810 RF Point Level Sensor
811-1005-E00 MAGNETROL-811-1005-E00 Datasheet
201Kb / 8P
   Kotron짰 Model 811 RF Point Level Switch
810-0105-D01 MAGNETROL-810-0105-D01 Datasheet
135Kb / 4P
   Kotron짰 Model 810 RF Point Level Switch
822-1000-C00 MAGNETROL-822-1000-C00 Datasheet
211Kb / 8P
   Kotron짰 Sentinel Models 822, 832 and 842 RF Point Level Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com