Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-RC1000 Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-RC1000
Description  SIN/COS SIGNAL SAFETY MONITOR IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-RC1000 Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-RC1000 Datasheet HTML 1Page - IC-Haus GmbH IC-RC1000 Datasheet HTML 2Page - IC-Haus GmbH IC-RC1000 Datasheet HTML 3Page - IC-Haus GmbH IC-RC1000 Datasheet HTML 4Page - IC-Haus GmbH IC-RC1000 Datasheet HTML 5Page - IC-Haus GmbH IC-RC1000 Datasheet HTML 6Page - IC-Haus GmbH IC-RC1000 Datasheet HTML 7Page - IC-Haus GmbH IC-RC1000 Datasheet HTML 8Page - IC-Haus GmbH IC-RC1000 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
preliminary
preliminary
iC-RC1000
SIN/COS SIGNAL SAFETY MONITOR IC
Rev A2, Page 1/10
FEATURES
o Sine/cosine encoder signal monitoring for SIL applications
o Suitable for differential encoder signals of 1 Vpp
(250 mV amplitude per line)
o Suitable for single-ended signals (500 mV amplitude per line)
o Monitor for input frequencies from 0 to 500 kHz
o Verification of DC common mode range per signal line
o Monitoring of Lissajous curve with min/max limits
o Cable fracture detection
o Source decoupling and overvoltage clamping per pin by
external resistors
o Single-failure-proof dual channel concept
o Independent diagnostic outputs:
signal OK message and signal error message
APPLICATIONS
o Sensor monitoring
o Motion control
o Functional safety
PACKAGES
MSOP10
BLOCK DIAGRAM
DC Check
4kΩ
4kΩ
500kΩ
100kΩ
Signal Splitter
VCC2ERR
VCC Monitor
VCC2
0.8Vpp
Rpd
t>10ms
0.8Vpp
DC Check
Channel OK
4kΩ
4kΩ
Reference
Rpd
Rpd
Rpd
NS2
PS2
NC2
PC2
PC1
NC1
PS1
NS1
VCC1
1.2Vpp
VCC Monitor
VCC1OK
sin2+cos2
1MΩ
1MΩ
1.2Vpp
sin2+cos2
Reference
t>10ms
iC-RC1000
Channel ERR
+
-
1
+
-
+
-
+
-
&
1
&
loOK
NSIN
minOK
hiOK
maxOK
OK
NCOS
PSIN
minERR
maxERR
loERR
hiERR
ERR
PCOS
VCC2
VCC1
GND
&
1
&
1
Copyright © 2011 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-RC1000

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-RC1000 ICHAUS-IC-RC1000 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000 Datasheet
527Kb / 14P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000_14 Datasheet
527Kb / 14P
   SIN/COS SIGNAL SAFETY MONITOR IC
More results

Similar Description - IC-RC1000

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000_14 Datasheet
527Kb / 14P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-MSB ICHAUS-IC-MSB_17 Datasheet
1,014Kb / 32P
   SIN/COS SIGNAL CONDITIONER
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
IC-MQF ICHAUS-IC-MQF_15 Datasheet
836Kb / 38P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQ ICHAUS-IC-MQ_15 Datasheet
1Mb / 43P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MSB ICHAUS-IC-MSB Datasheet
591Kb / 29P
   SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
IC-MSA ICHAUS-IC-MSA Datasheet
718Kb / 29P
   SIN/COS SIGNAL CONDITIONER with AGC and 1Vpp DRIVER
IC-MG ICHAUS-IC-MG Datasheet
356Kb / 20P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MG ICHAUS-IC-MG_14 Datasheet
604Kb / 22P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com