Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-PD3948 Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-PD3948
Description  5-CH. PHASED ARRAY SINE ENCODER (39-2048)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PD3948 Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-PD3948_11 Datasheet HTML 1Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 2Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 3Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 4Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 5Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 6Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 7Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 8Page - IC-Haus GmbH IC-PD3948_11 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
preliminary
preliminary
iC-PD3948
5-CH. PHASED ARRAY SINE ENCODER (39-2048)
Rev B5, Page 2/10
DESCRIPTION
iC-PD3948 is an optical sensor IC with integrated
photodiodes whose signal currents are converted
into output voltages by low-noise transimpedance
amplifiers.
Due to a high transimpedance gain of typically
4 MΩ, output signal voltages of several hundred Mil-
livolts are obtained at illumination levels of just 1 to
3 mW/cm2. In most cases complicated noise sup-
pression measures are thus rendered unnecessary.
As the pin names would suggest, iC-PD3948 is typ-
ically applied as a sine encoder for motor feedback
systems. To this end, iC-PD3948 provides sine and
cosine signals with both a high resolution of 2048
PPR (plus an additional index signal) and a low res-
olution of 1 PPR (at C/D).
All code disc signal tracks are evaluated differentially;
the high resolution sine signals are read by photo-
diodes in a phased array. The layout of the signal
amplifiers is such that there is good paired channel
matching, reducing the time and effort required for
calibration to an absolute minimum.
The spectral sensitivity ranges from visible to near
infrared light, with the maximum sensitivity close to
a wavelength of 680 nm. An output voltage of 1 V
is typical in low light conditions, for instance when iC-
PD is illuminated at only 2 mW/cm2 by a 740 nm LED.
A relatively low LED current is enough to operate the
sensor, proving beneficial to the life expectancy of the
LED at high operating temperatures.
PACKAGES AND CHIP LAYOUT INFORMATION
PAD LAYOUT (2.88 mm x 3.37 mm)
PAD FUNCTIONS
No. Name Function
1 VCC
+4.5...5.5 V Supply Voltage
2 VREF Reference Voltage Output
3 PSIN
Sine Track +
4 NSIN
Sine Track -
5 PCOS Cosine Track +
6 NCOS Cosine Track -
7 Z
Z Index Signal
8 NZ
Z Index Track -
9 ND
D Track -
10 PD
D Track +
11 NC
C Track -
12 PC
C Track +
13 VRDC D/C Track Reference
14 VRSC S/C Track Reference
15 GND
Ground
Notes: All outputs are analog voltage
outputs.


Similar Part No. - IC-PD3948_11

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PD3948 ICHAUS-IC-PD3948_14 Datasheet
1Mb / 12P
   PHASED ARRAY SINE ENCODER
More results

Similar Description - IC-PD3948_11

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PD3948 ICHAUS-IC-PD3948 Datasheet
320Kb / 9P
   5-CHAN. PHASED ARRAY SINE ENCODER 39-2048
IC-PD3948 ICHAUS-IC-PD3948_14 Datasheet
1Mb / 12P
   PHASED ARRAY SINE ENCODER
IC-PT3325 ICHAUS-IC-PT3325 Datasheet
931Kb / 10P
   6-CH. PHASED ARRAY OPTO ENCODER (33-2500)
IC-PT3320 ICHAUS-IC-PT3320 Datasheet
639Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-2000)
IC-PT3324 ICHAUS-IC-PT3324 Datasheet
640Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1024)
IC-PT2610 ICHAUS-IC-PT2610 Datasheet
900Kb / 11P
   6-CH. PHASED ARRAY OPTO ENCODER (26-1000)
IC-PT2613 ICHAUS-IC-PT2613 Datasheet
929Kb / 10P
   6-CH. PHASED ARRAY OPTO ENCODER (26-1250)
IC-PT3310 ICHAUS-IC-PT3310 Datasheet
641Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1000)
IC-PT3313 ICHAUS-IC-PT3313 Datasheet
727Kb / 12P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1250)
IC-PNH3348 ICHAUS-IC-PNH3348 Datasheet
481Kb / 10P
   PHASED ARRAY NONIUS ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com