Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-NQI Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-NQI
Description  13-bit Sin/D CONVERTER WITH CALIBRATION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQI Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-NQI Datasheet HTML 4Page - IC-Haus GmbH IC-NQI Datasheet HTML 5Page - IC-Haus GmbH IC-NQI Datasheet HTML 6Page - IC-Haus GmbH IC-NQI Datasheet HTML 7Page - IC-Haus GmbH IC-NQI Datasheet HTML 8Page - IC-Haus GmbH IC-NQI Datasheet HTML 9Page - IC-Haus GmbH IC-NQI Datasheet HTML 10Page - IC-Haus GmbH IC-NQI Datasheet HTML 11Page - IC-Haus GmbH IC-NQI Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
preliminary
preliminary
iC-NQI
13-bit Sin/D CONVERTER WITH CALIBRATION
Rev A2, Page 8/26
CHARACTERISTICS: Diagrams
twhi()/T
AArel ±10%
60%
50%
40%
0%
110%
AArel ±10%
90%
100%
0%
Figure 1: Definition of relative angle error.
$ t
MTD
Figure 2: Definition of minimum transition distance.
90°
180°
270°
360°
-0.15°
-0.1°
-0.05°
0
0.05°
0.1°
0.15°
Figure 3: Typical residual absolute angle error after calibration.


Similar Part No. - IC-NQI

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NQ ICHAUS-IC-NQ Datasheet
1Mb / 25P
   13-bit Sin/D CONVERTER WITH CALIBRATION
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 30P
   Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQCEVALNQ6D ICHAUS-IC-NQCEVALNQ6D Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
More results

Similar Description - IC-NQI

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NQ ICHAUS-IC-NQ Datasheet
1Mb / 25P
   13-bit Sin/D CONVERTER WITH CALIBRATION
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC_11 Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC_13 Datasheet
1Mb / 30P
   Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQL ICHAUS-IC-NQL Datasheet
907Kb / 24P
   13-bit Sin/D CONVERTER WITH SSI INTERFACE
IC-NQL ICHAUS-IC-NQL_11 Datasheet
894Kb / 24P
   13-bit Sin/D CONVERTER WITH SSI INTERFACE
IC-TW8 ICHAUS-IC-TW8 Datasheet
420Kb / 2P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
TW8 ICHAUS-TW8 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
IC-TW8 ICHAUS-IC-TW8_13 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
IC-NV ICHAUS-IC-NV Datasheet
1Mb / 19P
   6-BIT Sin/D FLASH CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com