Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-NQC Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-NQC
Description  13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQC Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-NQC Datasheet HTML 5Page - IC-Haus GmbH IC-NQC Datasheet HTML 6Page - IC-Haus GmbH IC-NQC Datasheet HTML 7Page - IC-Haus GmbH IC-NQC Datasheet HTML 8Page - IC-Haus GmbH IC-NQC Datasheet HTML 9Page - IC-Haus GmbH IC-NQC Datasheet HTML 10Page - IC-Haus GmbH IC-NQC Datasheet HTML 11Page - IC-Haus GmbH IC-NQC Datasheet HTML 12Page - IC-Haus GmbH IC-NQC Datasheet HTML 13Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
preliminary
preliminary
iC-NQC
13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
Rev D1, Page 9/29
OPERATING REQUIREMENTS: I/O Interface
Operating Conditions: VDD = 5 V ±10 %, Ta = -25 ... 85 °C; input levels lo = 0 ... 0.45 V, hi = 2.4 V ... VDD
Item
Symbol
Parameter
Conditions
Fig.
Unit
No.
Min.
Max.
SSI Protocol
I001
TMAS
Permissible Clock Period
ttos according to Table 44
4
250
2x ttos
ns
I002
tMASh
Clock Signal Hi Level Duration
4
25
ttos
ns
I003
tMASl
Clock Signal Lo Level Duration
4
25
ttos
ns
BiSS C Protocol
I004
TMAS
Permissible Clock Period
ttos according to Table 34
5
100
2x ttos
ns
I005
tMASh
Clock Signal Hi Level Duration
5
25
ttos
ns
I006
tMASl
Clock Signal Lo Level Duration
5
25
ttos
ns
Figure 3: Timing diagram in SSI protocol.
Figure 4: Timing diagram in BiSS C protocol.


Similar Part No. - IC-NQC

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 30P
   Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQCEVALNQ6D ICHAUS-IC-NQCEVALNQ6D Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQCTSSOP20 ICHAUS-IC-NQCTSSOP20 Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC_13 Datasheet
1Mb / 30P
   Sin/D CONVERTER WITH SIGNAL CALIBRATION
More results

Similar Description - IC-NQC

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQI ICHAUS-IC-NQI Datasheet
1Mb / 26P
   13-bit Sin/D CONVERTER WITH CALIBRATION
IC-NQ ICHAUS-IC-NQ Datasheet
1Mb / 25P
   13-bit Sin/D CONVERTER WITH CALIBRATION
IC-NQC ICHAUS-IC-NQC_13 Datasheet
1Mb / 30P
   Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQL ICHAUS-IC-NQL Datasheet
907Kb / 24P
   13-bit Sin/D CONVERTER WITH SSI INTERFACE
IC-NQL ICHAUS-IC-NQL_11 Datasheet
894Kb / 24P
   13-bit Sin/D CONVERTER WITH SSI INTERFACE
IC-TW8 ICHAUS-IC-TW8 Datasheet
420Kb / 2P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
TW8 ICHAUS-TW8 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
IC-TW8 ICHAUS-IC-TW8_13 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
IC-NV ICHAUS-IC-NV Datasheet
1Mb / 19P
   6-BIT Sin/D FLASH CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com