Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HG Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-HG
Description  3 A LASER SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HG Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-HG_11 Datasheet HTML 1Page - IC-Haus GmbH IC-HG_11 Datasheet HTML 2Page - IC-Haus GmbH IC-HG_11 Datasheet HTML 3Page - IC-Haus GmbH IC-HG_11 Datasheet HTML 4Page - IC-Haus GmbH IC-HG_11 Datasheet HTML 5Page - IC-Haus GmbH IC-HG_11 Datasheet HTML 6Page - IC-Haus GmbH IC-HG_11 Datasheet HTML 7Page - IC-Haus GmbH IC-HG_11 Datasheet HTML 8Page - IC-Haus GmbH IC-HG_11 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
prel
imin
ary
prel
imin
ary
iC-HG
3 A LASER SWITCH
Rev A2, Page 1/21
FEATURES
o Six channel laser switch from CW up to 200 MHz
o CW operation with up to 500 mA per channel
o Spike-free switching of the laser current
o 6 x 1 channels with TTL inputs
o 3 x 2 channels with LVDS inputs
o Operates as six independent voltage-controlled current sinks
o Switching outputs (LDKx) are 12 V capable for blue laser
diodes
o Fast and slow switching mode
o Simple current control at pins CIx
o CIx voltage < 3 V for full current
o Wide supply voltage range from 3 to 5.5 V
o All channels can be paralleled for 3 A operation
o Multiple iC-HG can be connected in parallel for higher currents
o Open drain error output
o Thermal shutdown
APPLICATIONS
o Pump lasers
o Laser projection
o Laser TV
PACKAGES
QFN28 5 mm x 5 mm
BLOCK DIAGRAM
LDK5
AGND3
&
iC-HG
CI1
&
LDK3
VDD
AGND5
CI2
NER
&
-
GND
40%
AGND1
LDK2
EN1
EN4
LDK4
&
AGND4
EN6
80%
EN2
CI4
Temperature
20%
AGND2
Power &
CI6
EN3
+
LDK1
CI5
Monitor
EN5
LDK6
CI3
AGND6
VDD
60%
ELVDS
Copyright © 2011 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-HG_11

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG_13 Datasheet
913Kb / 20P
   3 A LASER SWITCH
IC-HG ICHAUS-IC-HG_14 Datasheet
901Kb / 20P
   3A LASER SWITCH
More results

Similar Description - IC-HG_11

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG_13 Datasheet
913Kb / 20P
   3 A LASER SWITCH
logo
Roithner LaserTechnik G...
HGQFN28 ROITHNER-HGQFN28 Datasheet
901Kb / 20P
   3 A LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKSO8-TP ROITHNER-HKSO8-TP Datasheet
322Kb / 8P
   155MHz LASER SWITCH
HKBMSOP8 ROITHNER-HKBMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_1 Datasheet
980Kb / 13P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKMSOP8 ROITHNER-HKMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_15 Datasheet
422Kb / 10P
   155MHz LASER SWITCH
IC-HG ICHAUS-IC-HG Datasheet
844Kb / 19P
   3A LASER SWITCH
IC-HG ICHAUS-IC-HG_14 Datasheet
901Kb / 20P
   3A LASER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com