Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XAM3874BCYE Datasheet(PDF) 4 Page - Texas Instruments

Part # XAM3874BCYE
Description  AM387x Sitara ARM Microprocessors (MPUs)
Download  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XAM3874BCYE Datasheet(HTML) 4 Page - Texas Instruments

  XAM3874BCYE Datasheet HTML 1Page - Texas Instruments XAM3874BCYE Datasheet HTML 2Page - Texas Instruments XAM3874BCYE Datasheet HTML 3Page - Texas Instruments XAM3874BCYE Datasheet HTML 4Page - Texas Instruments XAM3874BCYE Datasheet HTML 5Page - Texas Instruments XAM3874BCYE Datasheet HTML 6Page - Texas Instruments XAM3874BCYE Datasheet HTML 7Page - Texas Instruments XAM3874BCYE Datasheet HTML 8Page - Texas Instruments XAM3874BCYE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 345 page
background image
Video Processing
Subsystem
(B)(C)
Video Capture
Display Processing
HD OSD
SD OSD
HD VENC
SD VENC
HDMI Xmt
SD DACs
ICE Crusher
McASP
(6)
McBSP
(m)DDR2/3
32-bit
(2)
GPMC
+
ELM
EMAC
(R)(G)MII
(2)
MDIO
USB 2.0
Ctlr/PHY
(2)
PCIe 2.0
(One x1
Port)
UART
(6)
SPI
(4)
I 2C
(4)
SATA
3Gbp/s
(1 Drives)
System Control
Serial Interfaces
Program/Data Storage
Connectivity
Peripherals
System Interconnect
GP Timer
(8)
Watchdog
Timer
Real-Time
Clock
PRCM
JTAG
Imaging
Subsystem
Parallel Cam Input
Resizer
MMC/SD/
SDIO
(3)
DCAN
(2)
ARM Subsystem
Cortex TM -A8
CPU
32 KB
I-Cache
32 KB
D-Cache
512 KB L2 Cache
Boot ROM
48 KB
RAM
64 KB
NEON
FPU
Spin Lock
Mailbox
A. SGX530 is only available on the AM3874 device.
B. HDMI is only available on the AM3874 and AM3872 devices.
C. Video Ports (Inputs/Outputs) are only available on the AM3874 and AM3872 devices.
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
1.4
Functional Block Diagram
Figure 1-1 shows the functional block diagram of the device.
Figure 1-1. AM387x Sitara
™ ARM Microprocessors (MPUs) Functional Block Diagram
4
High-Performance System-on-Chip (SoC)
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871


Similar Part No. - XAM3874BCYE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XAM3352ZCEA27 TI1-XAM3352ZCEA27 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
XAM3352ZCEA50 TI1-XAM3352ZCEA50 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
XAM3352ZCEA60 TI1-XAM3352ZCEA60 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
XAM3352ZCEA72 TI1-XAM3352ZCEA72 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
XAM3352ZCED27 TI1-XAM3352ZCED27 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
More results

Similar Description - XAM3874BCYE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3894 TI1-AM3894_15 Datasheet
2Mb / 313P
[Old version datasheet]   Sitara ARM Microprocessors
AM3874 TI-AM3874_15 Datasheet
1Mb / 361P
[Old version datasheet]   AM387x Sitara??ARM Processors
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715 TI1-AM3715_17 Datasheet
3Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3703 TI1-AM3703 Datasheet
3Mb / 280P
[Old version datasheet]   AM3715, AM3703 Sitara ARM Microprocessors
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com