Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-DX Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-DX
Description  UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DX Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-DX_11 Datasheet HTML 2Page - IC-Haus GmbH IC-DX_11 Datasheet HTML 3Page - IC-Haus GmbH IC-DX_11 Datasheet HTML 4Page - IC-Haus GmbH IC-DX_11 Datasheet HTML 5Page - IC-Haus GmbH IC-DX_11 Datasheet HTML 6Page - IC-Haus GmbH IC-DX_11 Datasheet HTML 7Page - IC-Haus GmbH IC-DX_11 Datasheet HTML 8Page - IC-Haus GmbH IC-DX_11 Datasheet HTML 9Page - IC-Haus GmbH IC-DX_11 Datasheet HTML 10Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
preliminary
preliminary
iC-DX
UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
Rev A3, Page 8/10
OUT
IN
NEP
tpio
ttrig()
EN
Figure 7: Timing diagram in push-pull operation
mode
36V
High Side Switch
DIGITAL INPUT
VREF
REG
&
<150 C
&
CVB
NEP
EN
1μF
CVOUT
100nF..
iC-DX
36V
Low Side Switch
+
-
OUT
5V
IN
GND
VB
GND
VOUT
OE
..30V
VB
Figure 8: Block diagram with EN and NEP internal
signals
CIRCUIT PROTECTION
The iC-DX is reverse polarity protected via internal
circutry. As far as the maximum voltage ratings are not
exceeded, no possible supply combination at the line
side pins (VB, GND and OUT) can damage the chip.
Since the chip current consumption is relatively low,
discharging of the backup capacitor C1 can be very
slow, and injected charge through disturbances may
in general result in capacitor voltage exceeding maxi-
mum ratings, leading to malfunction or destruction of
circuitry and associated parts.
Thus EMC require-
ments will afford more external circuitry.
Figure 9
shows the iC-DX with the additional protective device
D1, D2 and D3.
Figure 9: Circuit schematic showing protective de-
vices
For over-voltage protection, the suppressor diodes
D1,D2 and D3 absorbs transients on supply line in-
jected externally on the cable. Clamp voltage of the
diodes should be rated slightly above maximum speci-
fied supply voltage.
These currents can be passed to ground or to VB
by the internal ESD diodes of the iC-DX. Whereas
negative current injection will simply be drained off to
ground, positive current injection will charge capacitor
C1 further to higher voltages. If not suppressor diodes
nor any other over-voltage protection is implemented,
the backup capacitor C1 should be kept small. A typi-
cal 100nF value is normally OK.
Suggested protective devices
At VBmax of 36V, suppressor diodes with a breakdown
voltage from 36V has to be chosen in order to minimize
the energie in iC-DX for higer Voltages. For example
Diode type like Vishay GSOT36C or PJSD36W from
Pan Jit should be enouch as protection.


Similar Part No. - IC-DX_11

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-DX ICHAUS-IC-DX_14 Datasheet
407Kb / 9P
   UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
More results

Similar Description - IC-DX_11

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-DX ICHAUS-IC-DX Datasheet
417Kb / 9P
   UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
IC-DX ICHAUS-IC-DX_14 Datasheet
407Kb / 9P
   UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
IC-DX3 ICHAUS-IC-DX3 Datasheet
417Kb / 11P
   UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
logo
ON Semiconductor
CAT34TS02 ONSEMI-CAT34TS02_14 Datasheet
138Kb / 21P
   Digital Output Temperature Sensor
June, 2014 ??Rev. 12
logo
Epson ToYoCom
XV7001BB EPSONTOYOCOM-XV7001BB Datasheet
534Kb / 2P
   GYRO Sensor (Digital Output)
logo
Toshiba Semiconductor
TCS10NLU TOSHIBA-TCS10NLU Datasheet
144Kb / 6P
   Digital Output Magnetic Sensor
TCS10NPU TOSHIBA-TCS10NPU Datasheet
148Kb / 6P
   Digital-Output Magnetic Sensor
TCS11DLU TOSHIBA-TCS11DLU Datasheet
150Kb / 6P
   Digital Output Magnetic Sensor
logo
ON Semiconductor
CAT6095 ONSEMI-CAT6095 Datasheet
268Kb / 18P
   Digital Output Temperature Sensor
Doc. No. MD-1124 Rev. D
logo
Toshiba Semiconductor
TCS10DLU TOSHIBA-TCS10DLU Datasheet
114Kb / 6P
   Digital-Output Magnetic Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com